Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS37725 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TCS37725
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37725 Datasheet(HTML) 2 Page - OSRAM GmbH

  TCS37725 Datasheet HTML 1Page - OSRAM GmbH TCS37725 Datasheet HTML 2Page - OSRAM GmbH TCS37725 Datasheet HTML 3Page - OSRAM GmbH TCS37725 Datasheet HTML 4Page - OSRAM GmbH TCS37725 Datasheet HTML 5Page - OSRAM GmbH TCS37725 Datasheet HTML 6Page - OSRAM GmbH TCS37725 Datasheet HTML 7Page - OSRAM GmbH TCS37725 Datasheet HTML 8Page - OSRAM GmbH TCS37725 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
ams Datasheet
Page 1
[v1-01] 2018-Mar-14
Document Feedback
TCS3772
Color Light‐to‐Digital Converter with
Proximity Sensing
The TCS3772 device family provides red, green, blue, and clear
(RGBC) light sensing and, when coupled with an external IR LED,
proximity detection. These devices detect light intensity under
a variety of lighting conditions and through a variety of
attenuation materials, including dark glass. The proximity
detection feature allows a large dynamic range of operation for
accurate short distance detection, such as in a cell phone, for
detecting when the user positions the phone close to their ear.
An internal state machine provides the ability to put the device
into a low power state in between proximity and RGBC
measurements providing very low average power
consumption.
The color sensing feature is useful in applications such as LED
RGB backlight control, solid state lighting, reflected LED color
sampler, or fluorescent light color temperature detection. With
the addition of an IR blocking filter, the device is an excellent
ambient light sensor, color temperature monitor, and general
purpose color sensor.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of this device are listed below:
Figure 1:
Added Value of Using TCS3772
Benefits
Features
• Single Device Reduces Board Space
• Integrated RGB and Clear Color Sensing and Proximity
Detection
• Enables Flexible Operation for Wide
Range of Applications
• Programmable Color Sensing and Proximity Detection
• Enables Accurate Color and Ambient
Light Sensing Under Varying Lighting
Conditions
• Integrated IR Blocking Filter
• Enables Operation within Wide Range of
Lighting Conditions
• 3.8M:1 Dynamic Range
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com