Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS37727 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TCS37727
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37727 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TCS37727 Datasheet HTML 6Page - OSRAM GmbH TCS37727 Datasheet HTML 7Page - OSRAM GmbH TCS37727 Datasheet HTML 8Page - OSRAM GmbH TCS37727 Datasheet HTML 9Page - OSRAM GmbH TCS37727 Datasheet HTML 10Page - OSRAM GmbH TCS37727 Datasheet HTML 11Page - OSRAM GmbH TCS37727 Datasheet HTML 12Page - OSRAM GmbH TCS37727 Datasheet HTML 13Page - OSRAM GmbH TCS37727 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
ams Datasheet
Page 9
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Electrical Characteristics
Figure 11:
Proximity Noise Test Circuit
Figure 12:
Wait Characteristics, VDD = 3 V, TA = 25°C, WEN = 1 (unless otherwise noted)
Note(s):
1. Parameter ensured by design and is not tested.
Parameter
Conditions
Channel
Min
Typ
Max
Units
Wait step size
WTIME = 0xFF
2.27
2.4
2.56
ms
Wait number of steps (1)
1256
steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com