Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2702 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 2702
Description  2/2 way Angle Seat Valve, manually operated, for media up to 180 °C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2702 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  2702 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2702 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2702 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2702 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2702 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2702 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2000/2702
p. 2/6
1
2
3
4
5
6
7
8
9
10
11
Type 2000
1
2
3
4
5
6
7
8
9
10
11
Shows version with
PTFE-seal
Type 2702
DN
K
VS [m
3
/h]
15
4.5
20
10
25
20
32
28
40
42
50
55
K
V value
DN
K
VS
[m3/h]
Min.Stroke
[mm]
15
4.5
12
20
9
18
25
15
20
32
23
20
40
33
24
50
52
26
K
VS-value
Flow characteristics
Materials - Flow rates
Indication
The value of the position indication is a distance in [mm], in gen-
eral the actual stroke (distance between valve-seat and seat-seal
in mm). The digit after the vertical
line represents 1/10 mm. Per revolu-
tion of the handwheel, the vertical
position of the valve will change
exactly 1.5 mm.
For tuning of a well-defined flow
rate, please take the chart with the
flow rate and the stroke.
Port size [mm]
Stroke [%]
5
10
20
30
40
50
60
70
80
90
100
15
Stroke [mm]
0.6
1.2
2.4
3.6
4.8
6.0
7.2
8.4
9.6
10.8
12.0
K
V [m
3
/h]
0.23
0.24
0.26
0.35
0.7
1.85
2.9
3.5
4
4.3
4.5
20
Stroke [m3/h]
0.9
1.8
3.6
5.4
7.2
9.0
10.8
12.6
14.4
16.2
18.0
K
V [m
3
/h]
0.3
0.33
0.42
0.7
2.85
5.3
6.6
7.5
8.2
8.6
9
25
Stroke [mm]
1.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
K
V [m
3
/h]
0.39
0.41
0.60
1.25
4.5
8.5
10.5
12.2
13.5
14.2
15
32
Stroke [mm]
1.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
K
V [m
3
/h]
0.55
0.65
0.95
1.5
4
9.3
13.8
16.5
18.8
21
23
40
Stroke [mm]
1.3
2.0
5.2
7.8
10.4
13
15.6
18.2
20.8
23.4
24
K
V [m
3
/h]
0.65
0.85
1.5
5
14
20
25
27
30
32.5
33
50
Stroke [mm]
1.3
2.6
5.2
7.8
10.4
13
15.6
18.2
20.8
23.4
26
K
V [m
3
/h]
1
1.3
2
5
16
27
34
41
45
49
53
K
V values
2702
100
90
80
60
50
40
30
20
10
0
0 10 20 30 40 50 60 70 80 90 100
Stroke [%]
70
Type 2000
1 Valve body:
316 L
Weld end acc. to
1.4581
EN ISO 1127/150 4200 &
DIN 11850 S2
2 Seal:
PTFE
3 Pin:
1.4404
4 Swivel plate:
1.4404
5 Spindle:
1.4404
6 Wiper:
PTFE
7 Nipple:
1.4404
8 V-Seals:
PTFE
9 Tube:
1.4404
10 Torque support:
PPS
11 Manual actuator:
PPS
(without position indicator)
Type 2702
1 Valve body:
316 L
2 Seal:
PTFE (not applicable for 316 L seat sealing version)
3 Pin:
1.4310
4 Parabolic trim:
1.4571
5 Spindle:
1.4404
6 Wiper:
PTFE
7 Nipple:
1.4404
8 V-Seals:
PTFE
9 Tube:
1.4404
10 Torque support:
PPS
11 Manual actuator:
PPS
(with position indicator)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com