Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3233 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 3233
Description  T-diaphragm valve with pneumatic plastic actuator (Type CLASSIC)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3233 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 3233 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Type 2032
13 | 16
Visit product website 
5.
Performance specifications
5.1. Medium pressure
Information for control function A
Note:
• For low operating pressures, optional versions with reduced spring force are recommended.
• Pressure data [bar]: Overpressure to atmospheric pressure. Valve closes dynamically against max. operating pressure.
• Information for control function B and I on request.
Diaphragm size Actuator size Ø
Pilot pressure
Max. operating pressure for seal material
EPDM, FKM
PTFE/EPDM, advanced PTFE/EPDM,
GYLON®/EPDM laminated
DN
[mm]
[bar]
[bar]
[bar]
8
40(C)
5.0…7
10
10
15
50(D)
5.0…7
8.5
–
63(E)
5.0…7
10
10
20
63(E)
5.5…7
10
5
80(F)
5.0…7
10
10
25
80(F)
5.5…7
10
7.5
40
100(G)
5.5…7
6.5
61.)
125(H)
5.5…7
10
10
50
125(H)
5.5…7
8
7
65
175(K)
5.0…6
8
5
80
175(K)
5.0…6
5
33.)
225(L)
5.0…6
10
72.)
100
225(L)
5.0…6
8
4
1.) Max. operating pressure for GYLON®/EPDM laminated is 4 bar
2.) Max. operating pressure for GYLON®/EPDM laminated is 8.5 bar
3.) Tightness value only applies to GYLON®/EPDM laminated (ER diaphragm), otherwise 0 bar for PTFE/EPDM and advanced PTFE/EPDM (EA and EU diaphragm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com