Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2960 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2960
Description  Manually operated 2-way globe control valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2960 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2960 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2960 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2960 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2960 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2960 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2960 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2960 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2960 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2960 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Type 2961
13 | 17
Visit product website 
Nominal
diameter
(pipe)
Seat
size
Hand-
wheel
dia-
meter
Ø
Operating pressure
max. CF A
(Seat leakage class)
Theo-
retical
range-
ability
K
V value at stroke [m
3
/h]
K
VS
value
Seat seal
Stain-
less
steel
PTFE PEEK
DN
NPS
[mm]
[bar(g)]
5 %
10 % 20 % 30 % 40 % 50 % 60 % 70 % 80 % 90 % 100 % [m3/h]
25
1
3
45 (S)
25 (II) –
–
10:1
–
0.005 0.009 0.013 0.019 0.026 0.034 0.044 0.060 0.077 0.098
0.1
3
45 (S)
25 (II) –
–
20:1
–
0.009 0.015 0.023 0.033 0.046 0.063 0.085 0.11
0.16
0.22
0.2
4
45 (S)
25 (II) –
–
30:1
–
0.023 0.033 0.049 0.070 0.097 0.14
0.18
0.26
0.35
0.49
0.5
6
45 (S)
25 (II) 25 (VI) 25 (VI) 50:1
0.005 0.007 0.011 0.045 0.085 0.16
0.26
0.41
0.65
1.1
1.25
1.25
8
45 (S)
25 (II) 25 (VI) 25 (VI)
0.070 0.080 0.11
0.13
0.19
0.27
0.43
0.63
0.95
1.6
1.8
1.8
10
45 (S)
25 (II) 25 (VI) 25 (VI)
0.10
0.12
0.15
0.19
0.30
0.46
0.67
1.0
1.5
2.1
2.8
2.8
15
45 (S)
25 (II) 25 (VI) 25 (VI)
0.13
0.17
0.21
0.33
0.48
0.72
1.1
1.5
2.4
3.5
4.6
4.6
20
45 (S)
25 (II) 25 (VI) 25 (VI)
0.19
0.24
0.30
0.44
0.64
0.98
1.4
2.1
3.2
4.5
6.1
6.1
25
45 (S)
-
25 (VI) 25 (VI)
0.33
0.38
0.62
0.94
1.4
2.0
3.0
4.4
6.1
8.1
10.4
10.4
32
1 ¼2.) 20
110 (M) 25 (II) 25 (VI) 25 (VI)
0.22
0.25
0.35
0.50
0.70
1.1
1.6
2.5
3.8
5.8
8.0
8.0
25
110 (M) 25 (II) 25 (VI) 25 (VI)
0.40
0.47
0.73
1.1
1.6
2.5
3.7
5.4
7.5
10.3
13.0
13.0
32
110 (M) 25 (II) 25 (VI) 25 (VI)
0.48
0.60
0.85
1.3
2.1
3.1
4.5
6.8
10.2
14.0
17.8
17.8
40
1 ½ 2.) 25
110 (M) 25 (II) 25 (VI) 25 (VI)
0.40
0.50
0.75
1.1
1.7
2.6
3.8
5.6
8.0
10.7
13.6
13.6
32
110 (M) 25 (II) 25 (VI) 25 (VI)
0.48
0.60
0.85
1.3
2.1
3.2
4.6
6.9
11.0
15.0
20.0
20.0
40
110 (M) 25 (II) 25 (VI) 25 (VI)
0.60
0.70
1.1
1.7
2.7
4.0
6.0
9.2
13.8
18.2
23.8
23.8
50
2 2.)
20
110 (M) 25
(20)
(II) 1.)
–
–
–
0.14
0.25
0.38
0.57
0.85
1.3
1.9
2.8
4.1
6.0
6.3
32
110 (M) 25
(20)
(II) 1.)
–
–
0.24
0.31
0.51
0.76
1.1
1.7
2.5
3.6
5.3
7.9
11.8
12.0
32
110 (M) 25
(20)
(II) 1.)
25
(20)
(VI) 1.)
25
(20)
(VI) 1.)
0.48
0.60
0.90
1.3
2.1
3.2
4.6
6.9
11.6
16.0
21.0
21.0
40
110 (M) 25
(20)
(II) 1.)
25
(20)
(VI) 1.)
25
(20)
(VI) 1.)
0.60
0.70
1.0
1.7
2.6
4.0
5.9
9.2
14.0
18.9
24.5
24.5
50
110 (M) 25
(20)
(II) 1.)
25
(20)
(VI) 1.)
20
(VI) 1.)
0.90
1.1
1.9
2.9
4.5
6.8
10.5
15.5
22.0
29.5
37.0
37.0
65
2 ½ 2.) 40
160 (L)
25
(15)
(II) 1.)
25
(15)
(VI) 1.)
25
(15)
(IV) 1.)
0.65
0.75
1.1
1.8
2.8
4.3
6.5
10.4
16.0
22.0
29.0
29.0
50
160 (L)
25
(15)
(II) 1.)
25
(15)
(VI) 1.)
20
(VI) 1.)
1.0
1.2
2.0
3.1
4.8
6.7
9.7
16.0
24.0
35.0
45.0
45.0
65
160 (L)
24
(15)
(II) 1.)
24
(15)
(VI) 1.)
14 (VI)
1.6
2.0
3.0
5.0
8.0
13.5
22.0
33.0
45.0
56
65
65
80
3 2.)
50
160 (L)
25
(12.5)
(II) 1.)
25
(12.5)
(VI) 1.)
20
(VI) 1.)
1.0
1.2
2.0
3.4
5.3
8.3
13.0
19.0
26.0
35.0
45.0
45.0
65
160 (L)
24
(12.5)
(II) 1.)
24
(12.5)
(VI) 1.)
14
(12.5*)
(VI)
1.6
2.0
2.9
5.0
8.2
13.0
22.0
35.0
48.0
61
73
73
80
160 (L)
16
(12.5)
(II) 1.)
16
(12.5)
(VI) 1.)
10 (VI)
2.5
3.4
6.3
10.7
16.0
27.0
42.5
58
73
87
100
100
100 4
65
160 (L)
24
(10)
(II) 1.)
24
(10)
(VI) 1.)
14
(10)
(VI) 1.)
1.4
1.8
2.8
5.0
8.8
15.0
25.0
37.0
50
64
77
77
80
160 (L)
16
(10)
(II) 1.)
16
(10)
(VI) 1.)
10 (VI)
2.2
3.1
5.9
10.3
17.5
30.0
48.0
66
82
97
110
110
100
160 (L)
10 (II) 10 (VI) 6 (VI)
3.8
5.2
9.5
15.0
26.0
46.5
68
90
111
128
140
140
1.) According to the Pressure Equipment Directive 97/23/EC for compressible fluids of Group 1 (hazardous gases and vapours according to Article 3 No. 1.3 letter a first dash)
2.) Deviation for port connections according to ASME BPE: the next largest Nominal diameter (port connection) is used, e.g. NPS 1 instead of NPS ¾.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com