Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # MRF2
Description  Fast Acting Radial Lead Micro Fuse Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MRF2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  MRF2 Datasheet HTML 1Page - Bel Fuse Inc. MRF2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
,
6
2
1
1
0
6
9
,
5
3
1
5
3
5
9
.
o
N
e
t
a
ci
fi
tr
e
C
8
5
0
0
1
7
9
,
6
2
1
6
0
6
9
A
5
o
t
A
m
0
5r
o
A
5
3
@
C
A
V
0
5
2
/
0
1 n
I
r
e
t
a
e
r
g
si
r
e
v
e
h
ci
h
w
1
4
9
3
9
.
o
N
e
s
n
e
ci
L
4
2
6
0
2
E
.
o
N
e
li
F
d
e
z
i
n
g
o
c
e
R
A
0
5
@
C
A
V
0
5
2
/
A
3
.
6
o
t
A
m
0
5
2
7
7
9
3
R
L
.
o
N
e
li
F
e
c
n
a
t
p
e
c
c
A
1
0
0
1
-
7
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
FA
0
0
1
@
C
A
V
0
5
2
/
A
5
o
t
A
1
d
e
t
a
R
t
n
e
r
r
u
C
5
.
1
n
I
1
.
2
n
I
5
7
.
2
n
I
4 n
I
0
1 n
I
N
I
MX
A
MN
I
MX
A
MN
I
MX
A
MX
A
M
A
3
.
6
o
t
A
m
0
5
ie
vi
s
u
lc
n
1
.r
h
0
3
.
n
i
m
0
1
s
m
3
c
e
s
3
s
m
0
0
3
s
m
0
2
s
m
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
0
5
F
R
MA
m
0
52
12
7
.
01
0
0
.
01
0
0
.
08
0
.
0
3
6
F
R
M3
6A
m6
.
85
6
.
01
0
0
.
01
0
0
.
09
0
.
0
0
8
F
R
M8 A
m
02
.
68
5
.
02
0
0
.
02
0
0
.
01
1
.
0
0
0
1
F
R
M0
1A
m
08
4
.
42
5
.
03
0
0
.
03
0
0
.
02
1
.
0
5
2
1
F
R
M5
2
1A
m2
2
.
37
4
.
06
0
0
.
06
0
0
.
04
1
.
0
0
6
1
F
R
M0
6
1A
m0
4
.
26
4
.
00
1
0
.
00
1
0
.
00
1
.
0
0
0
2
F
R
M0
2A
m
00
6
.
11
4
.
07
1
0
.
06
1
0
.
02
1
.
0
0
5
2
F
R
MA
m
0
5
25
4
.
04
5
2
.
09
2
0
.
07
2
0
.
05
1
.
0
5
1
3
F
R
MA
m
5
1
34
3
.
06
4
2
.
05
0
.
05
0
.
08
1
.
0
0
0
4
F
R
MA
m
0
0
45
2
.
09
3
2
.
08
0
.
08
0
.
02
2
.
0
0
0
5
F
R
MA
m
0
0
59
1
.
02
3
2
.
05
1
.
03
1
.
07
2
.
0
0
3
6
F
R
MA
m
0
3
61
9
0
.
06
0
1
.
02
1
.
03
1
.
05
1
.
0
0
0
8
F
R
MA
m
0
0
81
7
0
.
03
0
1
.
01
2
.
02
2
.
09
1
.
0
1
F
R
MA
15
5
0
.
00
0
1
.
06
3
.
06
3
.
03
2
.
0
5
2
.
1
F
R
MA
5
2
.
13
4
0
.
07
9
0
.
01
6
.
09
5
.
08
2
.
0
6
.
1
F
R
MA
6
.
14
3
0
.
04
9
0
.
01
.
10
.
15
3
.
0
2
F
R
MA
26
2
0
.
01
9
0
.
08
.
17
.
12
4
.
0
5
.
2
F
R
MA
5
.
20
2
0
.
08
8
0
.
01
.
37
.
21
5
.
0
5
1
.
3
F
R
MA
5
1
.
36
1
0
.
06
8
0
.
03
.
55
.
42
6
.
0
4
F
R
MA
42
1
0
.
03
8
0
.
09
8
7
7
.
0
5
F
R
MA
50
1
0
.
01
8
0
.
06
13
13
9
.
0
3
.
6
F
R
MA
3
.
68
0
0
.
08
7
0
.
07
21
24
1
.
1
Approvals
sd r Spc
s
Electrical Characteristics (IEC-127-3 STANDARD SHEET 3)
d
r
S
p
RoHS Compliant Product
RoHS Wave Soldering Compatible : (260
°C, 10 sec max)
Environmental Specification
Shock Resistance
MIL-STD-202G, Method 213B,Condition I (Sawtooth)
(100 G’s peak for 6 milliseconds; Sawtooth Waveform)
Vibration Resistance
10-55 Hz x 3 axis/ no load (MIL-STD-202G, Method 201A)
Salt Spray Resistance
MIL-STD-202G, Method 101E, Condition B (48Hrs)
Solderability
MIL-STD-202G, Method 208H
Soldering Heat Resistance
MIL-STD-202G Method 210F, Test Condition C.Top Side
(260
°C, 20 sec)
Moisture Resistance
MIL-STD-202G, Method 106G
Operating Temperature
-55
°C to +125°C
Physical Specification
Materials
Base and Cap: Black thermoplastic, UL 94-V0
Pins:Tin plated copper alloy
Marking
On fuse:
“bel”,“F”,“Current Rating”,“250V” & “Appropriate Safety
Logos”
Consult manufacturer for other ratings
Type MRF
Fast Acting Radial Lead Micro Fuse Series
On label:
“bel”,“MRF”,“Current Rating”,“Voltage Rating”,“Interrupting Rating”,
“Appropriate Safety Logos” and “
” for RoHS VersionPackaging
Packaging
1. In bulk: 1,000 pcs per box
2. On Tape: Ammo pack, 1,000 pcs per box per EIA-468-A and IEC-286-2
Mechanical Dimensions
MRF
6.3mm ± 1.3 mm
5.08 ± 0.1
(0.200 ± 0.004")
0.5 min
4.3±0.3
Dimension in mm
ø 8.35 ± 0.10
+2
- 0
9 mm
12.7mm ± 0.3mm
ø0.6mm ± 0.1
7.7 ± 0.2
BULK / SHORT LEADS
AMMO PACK / LONG LEADS
23
MRFD0106 EMRFD1005A1
RoHS Compliant


Similar Part No. - MRF2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRF2 BEL-MRF2 Datasheet
1Mb / 4P
TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
MRF200 BEL-MRF200 Datasheet
1Mb / 4P
TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
logo
Motorola, Inc
MRF20030 MOTOROLA-MRF20030 Datasheet
111Kb / 10P
RF POWER TRANSISTOR
MRF20060 MOTOROLA-MRF20060 Datasheet
109Kb / 10P
RF POWER BROADBAND NPN BIPOLAR
MRF20060S MOTOROLA-MRF20060S Datasheet
109Kb / 10P
RF POWER BROADBAND NPN BIPOLAR
More results

Similar Description - MRF2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
RST BEL-RST Datasheet
98Kb / 2P
Time Lag Radial Lead Micro Fuse Series
0697-3150-02 BEL-0697-3150-02 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICRO FUSE SERIES
MRF BEL-MRF_13 Datasheet
1Mb / 4P
TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
0697W BEL-0697W Datasheet
2Mb / 4P
Time Lag Radial Lead Micro Fuse Series
0698Q BEL-0698Q Datasheet
2Mb / 4P
Quick Acting Radial Lead Micro Fuse Series
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0698Q1500-XX BEL-0698Q1500-XX Datasheet
674Kb / 4P
Quick Acting Radial Lead Micro Fuse Series
logo
Littelfuse
LTF395-750 LITTELFUSE-LTF395-750 Datasheet
637Kb / 3P
Radial Lead Fuses TE5짰 > Fast Acting Fuse > 395 Series
Revised:BO.11/13/20
logo
Bel Fuse Inc.
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com