Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD26721 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TMD26721
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26721 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TMD26721 Datasheet HTML 27Page - OSRAM GmbH TMD26721 Datasheet HTML 28Page - OSRAM GmbH TMD26721 Datasheet HTML 29Page - OSRAM GmbH TMD26721 Datasheet HTML 30Page - OSRAM GmbH TMD26721 Datasheet HTML 31Page - OSRAM GmbH TMD26721 Datasheet HTML 32Page - OSRAM GmbH TMD26721 Datasheet HTML 33Page - OSRAM GmbH TMD26721 Datasheet HTML 34Page - OSRAM GmbH TMD26721 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-00] 2015-Mar-23
TMD2672 − Principles of Operation
Proximity Offset Register (0x1E)
The 8-bit Proximity Offset Register provides compensation for
proximity offsets caused by device variations, optical crosstalk,
and other environmental factors. Proximity offset is a
sign-magnitude value where the sign bit, bit 7, determines if
the offset is negative (bit 7 = 0) or positive (bit 7 = 1). At power
up, the register is set to 0x00. The magnitude of the offset
compensation depends on the proximity gain (PGAIN),
proximity LED drive strength (PDRIVE), and the number of
proximity pulses (PPULSE). Because a number of environmental
factors contribute to proximity offset, this register is best suited
for use in an adaptive closed-loop control system. See available
ams application notes for proximity offset register application
information.
Figure 40:
Proximity Offset Register
7
6
5
4
32
10
SIGN
MAGNITUDE
Field
Bits
Description
SIGN
7
Proximity Offset Sign. The offset sign shifts the proximity data negative when
equal to 0 and positive when equal to 1.
MAGNITUDE
6:0
Proximity Offset Magnitude. The offset magnitude shifts the proximity data
positive or negative, depending on the proximity offset sign. The actual amount of
the shift depends on the proximity gain (PGAIN), proximity LED drive strength
(PDRIVE), and the number of proximity pulses (PPULSE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com