Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD2725 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # TMD2725
Description  ALS, and Small Aperture Proximity Sensor Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2725 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button TMD2725 Datasheet HTML 18Page - OSRAM GmbH TMD2725 Datasheet HTML 19Page - OSRAM GmbH TMD2725 Datasheet HTML 20Page - OSRAM GmbH TMD2725 Datasheet HTML 21Page - OSRAM GmbH TMD2725 Datasheet HTML 22Page - OSRAM GmbH TMD2725 Datasheet HTML 23Page - OSRAM GmbH TMD2725 Datasheet HTML 24Page - OSRAM GmbH TMD2725 Datasheet HTML 25Page - OSRAM GmbH TMD2725 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Datasheet, Public
Page 21
[v2-00] 2023-Feb-22
Document Feedback
TMD2725 − Register Description
AIHTH Register (Address 0x87)
Figure 26:
AIHTH Register
The photopic channel is compared against high-going 16-bit
threshold value set by AIHTL and AIHTH.
The contents of the AIHTH and AIHTL registers are combined
and treated as a sixteen bit threshold value. If the value
generated by the photopic channel is above the AIHTL/H
threshold and the APERS value is reached, the AINT bit is
asserted. If AIEN is set, then the INT pin will also assert.
When setting the 16-bit ALS threshold AIHTL must be written
first, immediately follow by AIHTH. Internally, the lower 8-bits
are buffered until the upper 8-bits are written. As the upper
8-bits are written both the high and low bytes are
simultaneously latched as a 16-bit value.
PILT Register (Address 0x88)
Figure 27:
PILT Register
The proximity channel is compared against low-going 8-bit
threshold value set by PILT.
If the value generated by the Proximity channel is below the
PILT threshold and the PPERS value is reached, the PINT bit is
asserted. If PIEN is set, then the INT pin will also assert.
Addr: 0x87
AIHTH
Bit
Bit Name
Default
Access
Bit Description
7:0
AIHTH
0x00
RW
This register sets the high byte of the HIGH ALS
threshold.
Addr: 0x88
PILT
Bit
Bit Name
Default
Access
Bit Description
7:0
PILT
0x00
RW
This register sets the Proximity ADC channel low
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com