Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD3719 Datasheet(PDF) 76 Page - OSRAM GmbH

Part # TMD3719
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3719 Datasheet(HTML) 76 Page - OSRAM GmbH

Back Button TMD3719 Datasheet HTML 72Page - OSRAM GmbH TMD3719 Datasheet HTML 73Page - OSRAM GmbH TMD3719 Datasheet HTML 74Page - OSRAM GmbH TMD3719 Datasheet HTML 75Page - OSRAM GmbH TMD3719 Datasheet HTML 76Page - OSRAM GmbH TMD3719 Datasheet HTML 77Page - OSRAM GmbH TMD3719 Datasheet HTML 78Page - OSRAM GmbH TMD3719 Datasheet HTML 79Page - OSRAM GmbH TMD3719 Datasheet HTML 80Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 95 page
background image
Datasheet, Public
Page 75
[v2-00] 2023-Jan-12
Document Feedback
TMD3719 − Register Overview
Figure 85:
GPIO
Note(s):
1. Return to the Register Map (0xF2)
Figure 86:
AGC_GAIN_MAX
Note(s):
1. Return to the Register Map (0xF4)
Addr: 0xF2
GPIO
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
00
5
INT_INVERT
0
R/W
Interrupt Invert. If asserted, the output on
interrupt pin is inverted. This is useful for direct
interrupt output if active = high.
4INT_IN_EN
0
R/W
Interrupt Input Enable. If asserted, the
interrupt pin can be used as an input.
3GPIO_INVERT
0
R/W
GPIO Invert. If asserted, the output on GPIO is
inverted. This is useful for direct interrupt output
if active = high.
2
GPIO_IN_EN
0
R/W
GPIO Input Enable. If asserted, the GPIO pin
accepts a non-floating input.
1
GPIO_OUT
1
R/W
GPIO Output. If asserted, the output state of the
GPIO is active directly.
0GPIO_IN
0
R/W
GPIO Input. Indicates the status of the GPIO
input if GPIO_IN_EN is asserted.
Addr: 0xF4
AGC_GAIN_MAX
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
00000
2:0
AGC_MOD_GAIN_MAX
110
R/W
AGC Modulator Gain Max. Sets the maximum
modulator gain for the AGC engine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com