| Electronic Components Datasheet Search |
|
TMD3721 Datasheet(PDF) 15 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD3721 Datasheet(HTML) 15 Page - OSRAM GmbH |
|
15 / 89 page ![]() Page 14 Datasheet, Public Document Feedback [v3-00] 2023-May-26 TMD3721 − Detailed Description Figure 14: Proximity Integration and Data Sampling in TMD3721 Color and Ambient Light Sensing The color and ALS reception signal path begins as the photodiodes receive filtered light and ends with 16-bit results. In addition to the RGB absorption filters applied to RGB channels, there is also a UV-IR blocking filter applied to all ALS channels including Clear channel for accurately measuring ambient light levels. Signals from all photodiodes are simultaneously accumulated for a period of time set by the value in ATIME (or ASP1, ASP2 if enabled) before the results are available. Gain is adjustable in the range of 1x to 4096x to facilitate operation over a wide range of lighting conditions, including under dark glass or OLED displays with low optical transmissivity. Based on the optical glass or OLED display used over of the device, custom equations based on the ALS data are empirically derived to calculate the amount of ambient light and the correlated color temperature. The ALS integration is designed to be able to synchronize to the display VSYNC signal with a delay time defined by ASD (when AVSYNC_EN=1). ASD must be programmed greater than the ALS initialization time, otherwise ASD is ignored. ALS initialization time requires 24 ALS clocks, resulting in 32.568μs (typical). If ASP1, ASP2 are enabled, the device allows for quick sampling over the integration time (ATIME) in intervals of ASP1, ASP2 and stores the ALS data in the FIFO. With ASP1 and ASP2 disabled, the ALS data will be collected once at the end of the full ALS integration time. AWTIME allows the addition of a wait time and defines the ALS repetition period. The subsequent ALS cycle will occur on the first VSYNC after the end of the AWTIME period, plus the delay defined by ASD. Figure 15 shows an example of ALS integration and data sampling for the TMD3721. PTIME PSD PTIME PTIME PSD PTIME E Prox_Init_Time Temp_Meas (if enabled) PROX_DATA_AVG loop PSD PSD PSD PTIME Prox_Init_Time Start s hifts PVSYNC_EN=0 Start s hifts PVSYNC_EN=0 Start s hifts PVSYNC_EN=0 Start s hifts PVSYNC_EN=0 Start s hifts PVSYNC_EN=0 PON=1 PEN=1 PWEN=1 PVSYNC=1 VSYNC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |