Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD49037 Datasheet(PDF) 71 Page - OSRAM GmbH

Part # TMD49037
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD49037 Datasheet(HTML) 71 Page - OSRAM GmbH

Back Button TMD49037 Datasheet HTML 67Page - OSRAM GmbH TMD49037 Datasheet HTML 68Page - OSRAM GmbH TMD49037 Datasheet HTML 69Page - OSRAM GmbH TMD49037 Datasheet HTML 70Page - OSRAM GmbH TMD49037 Datasheet HTML 71Page - OSRAM GmbH TMD49037 Datasheet HTML 72Page - OSRAM GmbH TMD49037 Datasheet HTML 73Page - OSRAM GmbH TMD49037 Datasheet HTML 74Page - OSRAM GmbH TMD49037 Datasheet HTML 75Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
Page 70
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Application Information
Electrical and Optical Output
The electrical or optical output of the remote control engine
can be realized in three ways: use of the integrated top-facing
LED, use of the LDR pin to directly drive an external LED, or use
of the GPIO pin to drive an external FET and IR LED.
The LDR pin has a regulated current sink with selectable drive
value. This is an attractive way to use an external LED without
having an additional LED drive FET. If this method is to be used,
then LEDA must be disconnected from the circuit. Since the
cathode of the integrated LED is connected to the LDR pin
internal to the module any current that is sourced through LEDA
will reduce the current available on the external remote control
LED. When the remote control functionality is not used the
external LED must be electrically disconnected from the LDR
pin to prevent it from illuminating.
Figure 81:
External IR LED Using the LDR Pin
Recommended Connection: Option number one.
If the LDR pin is not used as the pattern output, the GPIO pin
can be used. With this method both the LEDA and external
remote control IR LED may remain connected to the LED power
supply, but an additional FET is needed to drive the remote
control LED.
TMD4903
1
2
3
4
5
VDD
GND
LEDA
INT
SCL
SDA
7
8
LDR
1µF
1µF >4.7µF
22Ω
µP
VDD
VBUS
6
Remote Control Circuit Option #1
GPIO
VDD
VLED
µP
VLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com