| Electronic Components Datasheet Search |
|
TMF8701-1X Datasheet(PDF) 5 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8701-1X Datasheet(HTML) 5 Page - OSRAM GmbH |
|
5 / 66 page ![]() Page 4 Datasheet, Public Document Feedback [v2-00] 2023-Feb-21 TMF8701 − Pin Assignments Note(s): 1. SDA, SCL, INT and EN have no diode to any VDD supply. Therefore even with VDD=0V they do not block the interrupt line or I²C bus. 2. GPIO0 and GPIO1 are push/pull output and have a diode to VDD; therefore if VDD is not powered, GPIO0 and GPIO1 should not be driven from outside. 6SDA I/O I²C serial data 7 VDD Supply Chip supply voltage (3V); add a capacitor GRM155R70J104KA01 (0402 X7R 0.1μF 6.3V) to GND 8 GND Ground Chip ground; connect all ground pins together 9EN Input Enable input active high; setting to low forces the device into shutdown and all memory content is lost; connect to VDD if not used 10 GPIO1 I/O General purpose input/output; default output low; leave open if not used 11 GNDV Ground VCSEL ground; connect all ground pins together 12 VDDV Supply VCSEL supply voltage (3V); add a capacitor GRM155R70J104KA01 (0402 X7R 0.1μF 6.3V) to GND Pin No. Pin Name Signal Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |