Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8801 Datasheet(PDF) 58 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 58 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 54Page - OSRAM GmbH TMF8801 Datasheet HTML 55Page - OSRAM GmbH TMF8801 Datasheet HTML 56Page - OSRAM GmbH TMF8801 Datasheet HTML 57Page - OSRAM GmbH TMF8801 Datasheet HTML 58Page - OSRAM GmbH TMF8801 Datasheet HTML 59Page - OSRAM GmbH TMF8801 Datasheet HTML 60Page - OSRAM GmbH TMF8801 Datasheet HTML 61Page - OSRAM GmbH TMF8801 Datasheet HTML 62Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 57
After this the application that is located in RAM will be running. If there is no valid application you will
need to do a HW reset (toggle enable pin or power cycle).
Figure 113:
RAMREMAP_RESET
Address
Value
Meaning
BL_CMD_STAT
0x11
REMAP RAM to 0 and RESET
BL_SIZE
0
No parameters
BL_CSUM
0xEE
DOWNLOAD_INIT
This command is used to initialize the download HW for secure devices.
Figure 114:
DOWNLOAD_INIT
Address
Value
Meaning
BL_CMD_STAT
0x14
Initialize the HW for download from host to
TMF8801 RAM
BL_SIZE
1
BL_DATA0
0..0xFF
Seed
BL_CSUM
0..0xFF
W_RAM
This command writes the given data to a defined RAM region. Note that the RAM pointer has first to
be set by the command ADDR_RAM. After the command is successfully executed the RAM pointer
will point to the first byte after the written region.
Figure 115:
W_RAM
Address
Value
Meaning
BL_CMD_STAT
0x41
Write to main RAM
BL_SIZE
0..0x80
Number of bytes to be written
BL_DATA0
0..0xFF
1st byte to be written
BL_DATA1
0..0xFF
2nd byte to be written
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com