Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8801-1B Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TMF8801-1B
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801-1B Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TMF8801-1B Datasheet HTML 5Page - OSRAM GmbH TMF8801-1B Datasheet HTML 6Page - OSRAM GmbH TMF8801-1B Datasheet HTML 7Page - OSRAM GmbH TMF8801-1B Datasheet HTML 8Page - OSRAM GmbH TMF8801-1B Datasheet HTML 9Page - OSRAM GmbH TMF8801-1B Datasheet HTML 10Page - OSRAM GmbH TMF8801-1B Datasheet HTML 11Page - OSRAM GmbH TMF8801-1B Datasheet HTML 12Page - OSRAM GmbH TMF8801-1B Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
Document Feedback
TMF8801
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 8
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 5
Absolute Maximum Ratings of TMF8801
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDDC,
VDDV, VDD
3 V Supply voltage
-0.3
3.6
V
Connect pins VDDC, VDDV,
VDD on PCB with very short
connections
GNDV,
GNDC, GND
Ground
0.0
0.0
V
Connect all GND pins on
PCB with very short
connections
GPIO0,
GPIO1
Digital I/O terminal voltage
-0.3
VDD +
0.3 V max.
3.6 V
V
Protection diode to VDD
INT, SCL,
SDA, EN
Digital I/O terminal voltage
-0.3
3.6
V
No protection diodes to any
positive supply only to
ground
I_SCR
Latch up immunity
± 100
mA
JEDEC JESD78D Nov 2011
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
± 2000
V
JS-001-2014
ESDCDM
Electrostatic Discharge CDM
± 500
V
JEDEC JESD22-C101F Oct
2013
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature Range
-40
85
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Relative Humidity (non-
condensing)
85
%
MSL
Moisture Sensitivity Level
3
Represents a maximum floor
life time of 168h with TAMB <
30 °C and < 60 % r.h.
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com