Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2540 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2540 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TSL2540 Datasheet HTML 8Page - OSRAM GmbH TSL2540 Datasheet HTML 9Page - OSRAM GmbH TSL2540 Datasheet HTML 10Page - OSRAM GmbH TSL2540 Datasheet HTML 11Page - OSRAM GmbH TSL2540 Datasheet HTML 12Page - OSRAM GmbH TSL2540 Datasheet HTML 13Page - OSRAM GmbH TSL2540 Datasheet HTML 14Page - OSRAM GmbH TSL2540 Datasheet HTML 15Page - OSRAM GmbH TSL2540 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Datasheet, Public
Page 11
[v2-00] 2022-Dec-05
Document Feedback
TSL2540 − Register Description
Figure 13:
Register Overview
Register Access:
• R = Read Only
• W = Write Only
• R/W = Read or Write
• SC = Self Clearing after access
Address
Register Name
R/W
Register Function
Reset Value
0x80
ENABLE
R/W
Enables states and functions
0x00
0x81
ATIME
R/W
ALS integration time
0x00
0x83
WTIME
R/W
Wait time
0x00
0x84
AILTL
R/W
ALS interrupt low threshold low byte
0x00
0x85
AILTH
R/W
ALS interrupt low threshold high byte
0x00
0x86
AIHTL
R/W
ALS interrupt high threshold low byte
0x00
0x87
AIHTH
R/W
ALS interrupt high threshold high byte
0x00
0x8C
PERS
R/W
ALS interrupt persistence filters
0x00
0x8D
CFG0
R/W
Configuration register zero
0x80
0x90
CFG1
R/W
Configuration register one
0x00
0x91
REVID
R
Revision ID
0x61
0x92
ID
R
Device ID
0xE4
0x93
STATUS
R
Device status register
0x00
0x94
VISDATAL
R
Visible channel data low byte
0x00
0x95
VISDATAH
R
Visible channel data high byte
0x00
0x96
IRDATAL
R
IR channel data low byte
0x00
0x97
IRDATAH
R
IR channel data high byte
0x00
0x9E
REVID2
R
Auxiliary ID
REVID2
0x9F
CFG2
R/W
Configuration register two
0x04
0xAB
CFG3
R/W
Configuration register three
0x0C
0xD6
AZ_CONFIG
R/W
Autozero configuration
0x7F
0xDD
INTENAB
R/W
Interrupt enables
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com