| Electronic Components Datasheet Search |
|
TSL2580 Datasheet(PDF) 34 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2580 Datasheet(HTML) 34 Page - OSRAM GmbH |
|
34 / 53 page ![]() ams Datasheet Page 33 [v1-00] 2016-Apr-05 Document Feedback TSL2580, TSL2581 − Application Information: Software set to 0000b. Either Level or SMBus Alert style can be used. An interrupt will be generated upon completion of each conversion. The interrupt threshold registers are ignored. Calculating Lux The TSL258x is intended for use in ambient light detection applications such as display backlight control, where adjustments are made to display brightness or contrast based on the brightness of the ambient light, as perceived by the human eye. Conventional silicon detectors respond strongly to infrared light, which the human eye does not see. This can lead to significant error when the infrared content of the ambient light is high, such as with incandescent lighting, due to the difference between the silicon detector response and the brightness perceived by the human eye. This problem is overcome in the TSL258x through the use of two photodiodes. One of the photodiodes (channel 0) is sensitive to both visible and infrared light, while the second photodiode (channel 1) is sensitive primarily to infrared light. An integrating ADC converts the photodiode currents to digital outputs. Channel 1 digital output is used to compensate for the effect of the infrared component of light on the channel 0 digital output. The ADC digital outputs from the two channels are used in a formula to obtain a value that approximates the human eye response in the commonly used Illuminance unit of Lux: Chipscale Package For CH1/CH0 = 0.00 to 0.25 Lux = 0.105 CH0 - 0.208 CH1 For CH1/CH0 = 0.25 to 0.38 Lux = 0.1088 CH0 - 0.2231 CH1 For CH1/CH0 = 0.38 to 0.45 Lux = 0.0729 CH0 - 0.1286 CH1 For CH1/CH0 = 0.45 to 0.60 Lux = 0.060 CH0 - 0.10 CH1 For CH1/CH0 > 0.60 Lux/CH0 = 0 ODFN Package For CH1/CH0 = 0.00 to 0.30 Lux = 0.130 CH0 - 0.240 CH1 For CH1/CH0 = 0.30 to 0.38 Lux = 0.1649 CH0 - 0.3562 CH1 For CH1/CH0 = 0.38 to 0.45 Lux = 0.0974 CH0 - 0.1786 CH1 For CH1/CH0 = 0.45 to 0.54 Lux = 0.062 CH0 - 0.100 CH1 For CH1/CH0 > 0.54 Lux/CH0 = 0 The formulas shown above were obtained by optical testing with fluorescent and incandescent light sources, and apply only to open-air applications. Optical apertures (e.g. light pipes) will affect the incident light on the device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |