Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2581 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TSL2581
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2581 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TSL2581 Datasheet HTML 5Page - OSRAM GmbH TSL2581 Datasheet HTML 6Page - OSRAM GmbH TSL2581 Datasheet HTML 7Page - OSRAM GmbH TSL2581 Datasheet HTML 8Page - OSRAM GmbH TSL2581 Datasheet HTML 9Page - OSRAM GmbH TSL2581 Datasheet HTML 10Page - OSRAM GmbH TSL2581 Datasheet HTML 11Page - OSRAM GmbH TSL2581 Datasheet HTML 12Page - OSRAM GmbH TSL2581 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Electrical Characteristics
Note(s):
1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Visible 640 nm LEDs
and infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production.
2. The 625 nm irradiance Ee is supplied by an AlInGaP light-emitting diode with the following characteristics: peak wavelength λp =
625 nm and spectral halfwidth
Δλ½ = 20 nm.
3. The 850 nm irradiance Ee is supplied by a light-emitting diode with the following characteristics: peak wavelength
λp = 850 nm and spectral halfwidth Δλ½ = 42 nm.
4. The integration time Tint, is dependent on internal oscillator frequency (fosc) and on the number of integration cycles (ITIME) in the
Timing Register (0xFF) as described in the Register section. For nominal fosc = 750 kHz, nominal Tint = 2.7 ms
× ITIME.
Full scale ADC
count value
ITIME = 0xDB (100 ms)
CH0
37887
counts
CH1
37887
ITIME = 0x6C (400 ms)
CH0
65535
CH1
65535
ADC count value
λp = 625 nm, ITIME = 0xF6 (27 ms),
Ee = 171.6 μW/cm
2, gain = 16x
CH0
4000
5000
6000
counts
CH1
700
λp = 850 nm, ITIME = 0xF6 (27 ms),
Ee = 220 μW/cm
2, gain = 16x
CH0
4000
5000
6000
CH1
2750
ADC count value
ratio: CH1/CH0
λp = 625 nm
10.8
15.8
20.8
%
λp = 850 nm
41
55
68
Irradiance
responsivity Re
λp = 625 nm, ITIME = 0xF6 (27 ms)
CH0
29.1
counts/
(
μW/cm2)
CH1
4
λp = 850 nm, ITIME = 0xF6 (27 ms)
CH0
22.8
CH1
12.5
Gain scaling
(relative to 1x)
8x
CH0
7
8
9
x
CH1
7
8
9
16x
CH0
15
16
17
CH1
15
16
17
111x
CH0
97
107
115
CH1
100
115
125
Parameter
Test Conditions
Channel
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com