Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL25853P Datasheet(PDF) 44 Page - OSRAM GmbH

Part # TSL25853P
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25853P Datasheet(HTML) 44 Page - OSRAM GmbH

Back Button TSL25853P Datasheet HTML 40Page - OSRAM GmbH TSL25853P Datasheet HTML 41Page - OSRAM GmbH TSL25853P Datasheet HTML 42Page - OSRAM GmbH TSL25853P Datasheet HTML 43Page - OSRAM GmbH TSL25853P Datasheet HTML 44Page - OSRAM GmbH TSL25853P Datasheet HTML 45Page - OSRAM GmbH TSL25853P Datasheet HTML 46Page - OSRAM GmbH TSL25853P Datasheet HTML 47Page - OSRAM GmbH TSL25853P Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
Datasheet, Public
Page 43
[v4-00] 2022-Dec-22
Document Feedback
TSL2585 − Register Overview
CONTROL Register
Figure 54:
CONTROL
Note(s):
1. Return to the Register Map (0xB1).
Addr: 0xB1
CONTROL
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3SOFT_RESET
0
R/W
Software Reset. If set and executable, the Software
Reset will initialize the device in the same way as
hardware reset. Prior to invoking a SOFT_RESET the
oscillator must be switched on. Set PON=1.
2Reserved
0
1FIFO_CLR
0
R/W
Setting this bit will clear the FIFO, as well as FINT,
FIFO_OVERFLOW, FIFO_UNDERFLOW and FIFO_LVL.
0
CLEAR_SAI_ACTIVE
0
R/W
Setting this bit will clear the Sleep After Interrupt
Active SAI_ACTIVE and start measurements if
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com