Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2771 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TSL2771
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2771 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TSL2771 Datasheet HTML 6Page - OSRAM GmbH TSL2771 Datasheet HTML 7Page - OSRAM GmbH TSL2771 Datasheet HTML 8Page - OSRAM GmbH TSL2771 Datasheet HTML 9Page - OSRAM GmbH TSL2771 Datasheet HTML 10Page - OSRAM GmbH TSL2771 Datasheet HTML 11Page - OSRAM GmbH TSL2771 Datasheet HTML 12Page - OSRAM GmbH TSL2771 Datasheet HTML 13Page - OSRAM GmbH TSL2771 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
ams Datasheet
Page 9
[v1-00] 2016-Mar-22
Document Feedback
TSL2771 − Absolute Maximum Ratings
Figure 9:
Proximity Characteristics; VDD = 3 V, TA = 25°C, PEN = 1 (unless otherwise noted)
Note(s):
1. Proximity Operating Distance is dependent upon emitter properties and the reflective properties of the proximity surface. The
nominal value shown uses an IR emitter with a peak wavelength of 850nm and a 20º half angle. The proximity surface used is a 90%
reflective (white surface) 16
× 20-inch Kodak Gray Card. 60 mw/SR, 100 mA, 64 pulses, open view (no glass). Note: Greater distances
are achievable with appropriate system considerations.
Figure 10:
Wait Characteristics; VDD = 3 V, TA = 25°C, WEN = 1 (unless otherwise noted)
Parameter
Test Conditions
Condition
Min
Typ
Max
Unit
IDD
Supply current
LDR pulse ON
3
mA
ADC conversion time step size
PTIME = 0xFF
2.58
2.72
2.9
ms
ADC number of integration
steps
1
256
steps
ADC counts per step
PTIME = 0xFF
0
1023
counts
IR LED pulse count
0
255
pulses
pulse period
Two or more pulses
16
μs
LED pulse width — LED ON time
7.3
μs
LED drive current
ISINK sink current @
600 mV, LDR pin
PDRIVE=0
75
100
125
mA
PDRIVE=1
50
PDRIVE=2
25
PDRIVE=3
12.5
Operating distance (1)
18
inches
Parameter
Test
Conditions
Channel
Min
Typ
Max
Unit
Wait step size
WTIME = 0xFF
2.58
2.72
2.9
ms
Wait number of integration steps
1
256
steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com