Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27711FN Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TSL27711FN
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27711FN Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TSL27711FN Datasheet HTML 32Page - OSRAM GmbH TSL27711FN Datasheet HTML 33Page - OSRAM GmbH TSL27711FN Datasheet HTML 34Page - OSRAM GmbH TSL27711FN Datasheet HTML 35Page - OSRAM GmbH TSL27711FN Datasheet HTML 36Page - OSRAM GmbH TSL27711FN Datasheet HTML 37Page - OSRAM GmbH TSL27711FN Datasheet HTML 38Page - OSRAM GmbH TSL27711FN Datasheet HTML 39Page - OSRAM GmbH TSL27711FN Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
ams Datasheet
Page 35
[v1-00] 2016-Mar-22
Document Feedback
TSL2771 − Register Set
Control Register (0x0F)
The Control register provides eight bits of miscellaneous
control to the analog block. These bits typically control
functions such as gain settings and/or diode selection.
Figure 38:
Control Register
76
5
4
3
2
1
0
PDRIVE
PDIODE
Reserved
AGAIN
Field
Bits
Description
PDRIVE
7:6
LED Drive Strength.
FIELD VALUE
LED STRENGTH
00
100 mA
01
50 mA
10
25 mA
11
12.5 mA
PDIODE
5:4
Proximity Diode Select.
FIELD VALUE
DIODE SELECTION
00
Reserved
01
Proximity uses the CH0 diode
10
Proximity uses the CH1 diode
11
Proximity uses both diodes
Reserved
3:2
Reserved. Write bits as zero (0:0)
AGAIN
1:0
ALS Gain Control.
FIELD VALUE
ALS GAIN VALUE
00
1x gain
01
8x gain
10
16x gain
11
120x gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com