Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2772 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TSL2772
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2772 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TSL2772 Datasheet HTML 11Page - OSRAM GmbH TSL2772 Datasheet HTML 12Page - OSRAM GmbH TSL2772 Datasheet HTML 13Page - OSRAM GmbH TSL2772 Datasheet HTML 14Page - OSRAM GmbH TSL2772 Datasheet HTML 15Page - OSRAM GmbH TSL2772 Datasheet HTML 16Page - OSRAM GmbH TSL2772 Datasheet HTML 17Page - OSRAM GmbH TSL2772 Datasheet HTML 18Page - OSRAM GmbH TSL2772 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
Page 14
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-30
TSL2772 − Typical Characteristics
Figure 16:
Typical LDR Current vs. Voltage
Figure 17:
Typical LDR Current vs. Voltage
15 mA
LDR Voltage − V
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
14
16
3
18
3.8 mA
1.9 mA
7.5 mA
20
30 mA
15 mA
120 mA
LDR Voltage − V
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
120
140
160
3
60 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com