Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL26715 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TSL26715
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26715 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TSL26715 Datasheet HTML 12Page - OSRAM GmbH TSL26715 Datasheet HTML 13Page - OSRAM GmbH TSL26715 Datasheet HTML 14Page - OSRAM GmbH TSL26715 Datasheet HTML 15Page - OSRAM GmbH TSL26715 Datasheet HTML 16Page - OSRAM GmbH TSL26715 Datasheet HTML 17Page - OSRAM GmbH TSL26715 Datasheet HTML 18Page - OSRAM GmbH TSL26715 Datasheet HTML 19Page - OSRAM GmbH TSL26715 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
ams Datasheet
Page 15
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Principles of Operation
The LED drive current is controlled by a regulated current sink
on the LDR pin. This feature eliminates the need to use a current
limiting resistor to control LED current. The LED drive current
can be configured for 12.5 mA, 25 mA, 50 mA, or 100 mA. For
higher LED drive requirements, an external P type transistor can
be used to control the LED current.
The number of LED pulses can be programmed to any value
between 1 and 255 pulses as needed. Increasing the number of
LED pulses at a given current will increase the sensor sensitivity.
Sensitivity grows by the square root of the number of pulses.
Each pulse has a 16-
μs period.
Figure 18:
Proximity IR LED Waveform
The proximity integration time (PTIME) is the period of time that
the internal ADC converts the analog signal to a digital count.
It is recommend that this be set to a minimum of PTIME = 0xFF
or 2.72 ms.
The combination of LED power and number of pulses can be
used to control the distance at which the sensor can detect
proximity. Figure 19 shows an example of the distances covered
with settings such that each curve covers 2X the distance.
Counts up to 64 pulses provide a 16X range.
LED On
LED Off
16
ms
IR LED Pulses
Subtract
Background
Add IR +
Background



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com