Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27717 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TSL27717
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27717 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TSL27717 Datasheet HTML 5Page - OSRAM GmbH TSL27717 Datasheet HTML 6Page - OSRAM GmbH TSL27717 Datasheet HTML 7Page - OSRAM GmbH TSL27717 Datasheet HTML 8Page - OSRAM GmbH TSL27717 Datasheet HTML 9Page - OSRAM GmbH TSL27717 Datasheet HTML 10Page - OSRAM GmbH TSL27717 Datasheet HTML 11Page - OSRAM GmbH TSL27717 Datasheet HTML 12Page - OSRAM GmbH TSL27717 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-22
TSL2771 − Absolute Maximum R atings
Figure 8:
ALS Characteristics; VDD = 3 V, TA = 25ºC, Gain = 16, AEN = 1 (unless otherwise noted)
(1) (2) (3)
Note(s):
1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Visible 625 nm LEDs
and infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production.
2. The 625 nm irradiance Ee is supplied by an AlInGaP light-emitting diode with the following typical characteristics: peak wavelength
λp = 625 nm and spectral halfwidth Δλ½ = 20 nm.
3. The 850 nm irradiance Ee is supplied by a GaAs light-emitting diode with the following typical characteristics: peak wavelength
λp = 850 nm and spectral halfwidth Δλ½ = 42 nm.
Parameter
Test Conditions
Channel
Min
Typ
Max
Unit
Dark ADC count value
Ee = 0, AGAIN = 120x,
ATIME = 0xDB (100 ms)
CH0
0
1
5
counts
CH1
0
1
5
ADC integration time step
size
ATIME = 0xFF
2.58
2.72
2.9
ms
ADC Number of integration
steps
1
256
steps
ADC counts per step
ATIME = 0xFF
0
1024
counts
ADC count value
ATIME = 0xC0
0
65535
counts
ADC count value
λp = 625 nm,
Ee = 171.6 μW/cm
2,
ATIME = 0xF6 (27 ms) (2)
CH0
4000
5000
6000
counts
CH1
790
λp = 850 nm,
Ee = 219.7 μW/cm
2
ATIME = 0xF6 (27 ms) (3)
CH0
4000
5000
6000
CH1
2800
ADC count value ratio:
CH1/CH0
λp = 625 nm, ATIME 0xF6 (27 ms) (2)
10.8
15.8
20.8
%
λp = 850 nm, ATIME 0xF6 (27 ms) (3)
41
56
68
Re
Irradiance responsivity
λp = 625 nm,
ATIME = 0xF6 (27 ms) (2)
CH0
29.1
counts/
(
μW/cm2)
CH1
4.6
λp = 850 nm,
ATIME = 0xF6 (27 ms) (3)
CH0
22.8
CH1
12.7
Gain scaling, relative to 1x
gain setting
8x
−10
10
%
16x
−10
10
120x
−10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com