Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL27725 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TSL27725
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27725 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TSL27725 Datasheet HTML 23Page - OSRAM GmbH TSL27725 Datasheet HTML 24Page - OSRAM GmbH TSL27725 Datasheet HTML 25Page - OSRAM GmbH TSL27725 Datasheet HTML 26Page - OSRAM GmbH TSL27725 Datasheet HTML 27Page - OSRAM GmbH TSL27725 Datasheet HTML 28Page - OSRAM GmbH TSL27725 Datasheet HTML 29Page - OSRAM GmbH TSL27725 Datasheet HTML 30Page - OSRAM GmbH TSL27725 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
Page 26
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-30
TSL2772 − Principles O f Operation
Power Management
Power consumption can be managed with the Wait state,
because the Wait state typically consumes only 90μA of IDD
current. An example of the power management feature is given
below. With the assumptions provided in the example, average
IDD is estimated to be 182μA.
Figure 27:
Power Management
Note(s):
1. Prox Accum - LED ON time = 7.3μs per pulse
× 4 pulses = 29.3μs = 0.029 ms
2. Prox Accum - LED OFF time = 8.7μs per pulse
× 4 pulses = 34.7μs = 0.035 ms
Average IDD Current = ((0.029 × 119) + (0.035 × 0.200) + (2.73 ×
0.200) + (49.2
× 0.090) + (49.2 × 0.200) + (2.73 × 0.200 × 3)) /109
≈ 182μA
Keeping with the same programmed values as the example,
Figure 28 shows how the average IDD current is affected by the
Wait state time, which is determined by WEN, WTIME, and
WLONG. Note that the worst-case current occurs when the Wait
state is not enabled.
System State
Machine State
Programmable
Parameter
Programmed
Value
Duration
Typical
Current
Prox Init
2.73ms
0.200mA
Prox Accum
PPULSE
0x04
0.064ms
Prox Accum − LED ON
0.029ms (1)
119mA
Prox Accum − LED OFF
0.035ms(2)
0.200mA
Prox Wait
2.73ms
0.200mA
Prox ADC
PTIME
0xFF
2.73ms
0.200mA
Wait
WTIME
0xEE
49.2ms
0.090mA
WLONG
0
ALS Init
2.73ms
0.200mA
ALS ADC
ATIME
0xEE
49.2ms
0.200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com