Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17-10021 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-10021
Description  Receptacle & Cover Assembly Kit Colored Plastic Receptacle Housing with Shielded Cat. 5e RJ45 IDC Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-10021 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17-10021 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Recommended Panel Cutout
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2011
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
b
1 x c
original
Ä21-0426
Mar/08/2011
29.10.2021
Vincent ke
Bub
Date
Jan. 28
Jan. 28
J. Chaudry
Vincent Ke
Name
1.2:1
mm
See Notes
Receptacle & Cover Assembly Kit
Colored Plastic Receptacle Housing
with Shielded Cat. 5e RJ45 IDC Jack
17K1A194
SEE PART NUMBER TABLE
Tolerance
Unless otherwise specified
0 PLC
`0.50
1 PLC
`0.38
2 PLC
`0.25
3 PLC
`0.10
ANGLES
`3~
Notes:
1. Electrical Specifications:
- Meets EIA/TIA-568-B.2 Cat.5e Specification
- Contact Resistance: 20mOhm max.
- Insulation Resistance: 500MOhm min. @ 100 VDC
- Current Rating: 1.2A max. at 25
~C
- Working Voltage: 100 VDC
- DWV: 1000 VDC/60s Contact to Contact, 1500 VDC/60s Contact to Metal Shell
- Operating Temperature: -40
~C to +85~C
2. Material and Finish:
- Receptacle Housing: Polyester (Color: See Part Number Table); UL94 V-0
- Cover Coupling Ring: Polyester (Black); UL94 V-0
- Panel Nut: Brass, Finish: Nickel Plated
- Panel Gasket: Silicon, Color: White
- Cover Gasket: Silicon, Color: White
- Tether: Polycarbonate, Color: Black
- Cat.5e RJ45 IDC Jack Metal Shell: Copper Alloy, Nickel Plated
- Cat.5e RJ45 IDC Jack Plastic Housing: Glass filled PBT UL94 V-0, Color: Black
- Cat.5e RJ45 IDC Jack Contacts: Phosphor Bronze, Finish: 50u" Gold min. over Nickel
3. Connector can be front or rear mounted to a maximum panel thickness of 3.2mm.
4. IP67 rated when covered or fully mated with the appropriate mating connector
28.00
n
`0.05
Key Protrusion x 3
n30
21
27.5`0.6
n31.5
0.5
Cover Gasket
Shielded Cat.5e RJ45 IDC Jack
accepts both Solid and Stranded
AWG 24 to 26 Wires
Panel Flange
Receptacle Housing
(Plastic in different Colors
Bayonet Locking Type)
Panel Gasket
Panel Nut
(M28 x 1.5)
3.5
19.4
n34
max. 35
Bayonet Channel x 3
Protective Cover
(Plastic, color black
Bayonet Locking Type)
Tether
2
29.7
Part Number
17-10021
Description
Colored Plastic Receptacle Housing with Shielded Cat.5e RJ45 IDC Jack + Black Cover
Black
Blue
17-102664
Green
17-102674
Yellow
17-102684
Red
17-102694
White
17-102704
Plastic Receptacle
Housing Color
b
b
RoHS compliant
c


Similar Part No. - 17-10021

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-10021 CONEC-17-10021 Datasheet
484Kb / 1P
Receptacle & Cover Assembly Kit
More results

Similar Description - 17-10021

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
17-10000 CONEC-17-10000 Datasheet
486Kb / 1P
Receptacle & Cover Assembly Kit
17-10021 CONEC-17-10021 Datasheet
484Kb / 1P
Receptacle & Cover Assembly Kit
17-10023 CONEC-17-10023 Datasheet
544Kb / 1P
Receptacle & Cover Assembly Kit
17K1A302 CONEC-17K1A302 Datasheet
598Kb / 1P
IP67 Industrial Duplex LC Receptacle Cover Assembly Kit
logo
List of Unclassifed Man...
ECF504-SC5E ETC2-ECF504-SC5E Datasheet
72Kb / 1P
KIT, PANEL COUPLER, DELUXE, CAT 5E SHLD RJ45
logo
PowerDynamics, Inc
3353H00040 POWERDYNAMICS-3353H00040 Datasheet
347Kb / 1P
Metal Waterproof Cat.5e Jack With IDC (IP68)
3350A21230 POWERDYNAMICS-3350A21230 Datasheet
440Kb / 1P
Waterproof Cat. 5e RJ45 Jack With IDC (IP68)
3351D00030 POWERDYNAMICS-3351D00030 Datasheet
320Kb / 1P
Waterproof Cat. 5e RJ45 Jack (IP68)
3351D00130 POWERDYNAMICS-3351D00130 Datasheet
388Kb / 1P
Waterproof Cat. 5e RJ45 Jack With Wafer (IP68)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com