Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8652 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8652
Description  T-diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8652 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8652 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Visit product website 
Type 2034
Multifunction block and
weld solution
Type 3233
2/2-way diaphragm
valve with manually
operated actuator
Type 2036
Robolux multiway mult-
iport diaphragm valve,
pneumatically operated
Type 8652
AirLINE - the valve
island optimised for
process automation
Type 8697
Pneumatic control for
decentralised auto-
mation of ELEMENT
process valves
Standard | EU | en | 2023 - 08 - 29 | 04
T-diaphragm valve with pneumatic actuator in
stainless steel (Type INOX)
• Valve body and diaphragm are available in various materials and
variants
• Product wetted surfaces in Ra ≤ 0.38 µm…1.6 µm
(optionally electropolished)
• Available in all common connection sizes and variants
The externally controlled diaphragm valve Type 2064 consists of a pneumat-
ically operated stainless steel piston actuator, a diaphragm and a T-valve
body. The proven and robust actuator with stainless steel housing ensures
use in hygienic or aggressive ambient conditions. The flow-efficient valve
bodies with little dead space enable high flow rates and a wide range of
possible uses. The valve body and the diaphragm are available in all common
materials and variants. The actuator has a compact, autoclavable design
with a large stainless steel housing, high temperature resistance and gap-free
seals.
The integration of the automation units 8697 is possible in all configuration
levels (can be retrofitted). The actuator is equipped with an integrated, optical
position indicator as standard.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
© Christian Bürkert GmbH & Co. KG, Subject to alteration
Type 2064
Pneumatically actuated diaphragm
valve with INOX actuator
DATA SHEET


Similar Part No. - 8652

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8652 ETC2-8652 Datasheet
439Kb / 1P
LED LENS CAPS
logo
Heyco.
8652 HEYCO-8652 Datasheet
109Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
logo
Christian Bürkert GmbH ...
8652 BURKERT-8652 Datasheet
4Mb / 21P
AirLINE – the valve island optimised for process automation
04.10.2023
8652 BURKERT-8652 Datasheet
1Mb / 14P
AirLINE Field – the valve island – optimised for process automation
04.10.2023
8652 BURKERT-8652 Datasheet
1Mb / 11P
I/O module, IP20
13.04.2023
More results

Similar Description - 8652

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
AS-QTHA-0109-SS RALSTON-AS-QTHA-0109-SS Datasheet
287Kb / 1P
Needle valve assembly, stainless steel
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Axiomtek Co., Ltd.
GOT817-834 AXIOMTEK-GOT817-834 Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com