Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8652 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8652
Description  Tank bottom diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8652 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8652 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Type 2065
9 | 13
Visit product website 
4.3. Tank bottom body with clamp connection
Note:
Clamp dimensions must be added to the welded connection dimensions
E
Port connection
A
s
D3
E
Product
key1.)
[mm]
[inch]
DIN 32676 series A (DIN pipe)
10
–
13
1.5
34.0
18
TD41
15
–
19
1.5
34.0
18
TD42
20
–
23
1.5
34.0
18
TD43
25
–
29
1.5
50.5
21.5
TD44
32
–
35
1.5
50.5
21.5
TD45
40
–
41
1.5
50.5
21.5
TD46
50
–
53
1.5
64.0
21.5
TD47
DIN 32676 series B (ISO pipe)
8
–
13.5
1.6
25.0
28.6
TC40
8
–
13.5
1.6
34.02.)
28.6
TC512.)
10
–
17.2
1.6
34.02.)
28.6
TC412.)
15
–
21.3
1.6
34.02.)
28.6
TC422.)
15
–
21.3
1.6
50.5
28.6
TC52
20
–
26.9
1.6
50.5
28.6
TC43
25
–
33.7
2
50.5
28.6
TC44
32
–
42.4
2
50.52.)
28.6
TC452.)
40
–
48.3
2
64.0
28.6
TC46
50
–
60.3
2
77.5
28.6
TC47
ASME BPE
8
¼"
6.35
0.89
25.0
28.6
TG50
10
⅜"
9.53
0.89
25.0
28.6
TG01
15
½"
12.7
1.65
25.0
28.6
TG02
20
¾"
19.05
1.65
25.0
28.6
TG03
25
1"
25.4
1.65
50.5
28.6
TG04
40
1½"
38.1
1.65
50.5
28.6
TG05
50
2"
50.8
1.65
64.0
28.6
TG06
1.) This information is part of the product key (see “8.3. Bürkert Product Enquiry Form” on page 12).
2.) Deviating from the standard, because of different clamp outer diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com