Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7604 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 7604
Description  Micro diaphragm pump for continuous pumping
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7604 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 7604 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Type 7604
7 | 10
Visit product website 
5.
Performance specifications
5.1. Flow characteristic
Flow rate diagram
The following flow rate diagrams are examples only. The flow rate depends on the individual operating conditions.
Flow rate against frequency for different viscosities
Flow rate against suction and pressure height (pump wet)
1.0
0.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Frequency [Hz]
Acetone 0.322 mPa s
Purified water
1.002 mPa s
Glycol 20 mPa s
Glycerine 1480 mPa s
Flow rate against frequency
for different viscosities
0
10
20
30
40
50
-300
-100
100
300
Pressure [mbar]
suction height [cm]
pressure height [cm]
35 Hz / 24 V
20 Hz / 24 V
10 Hz / 24 V
Flow rate against suction
and pressure height (pump wet)
0
1
2
3
4
5
6
6.
Product accessories
6.1. Integrated impulse generator
The optional integrated impulse generator is built in the cover of the pump. The desired frequency can be set via a rotary potentio-
meter.
Technical data
Frequency range
8…40 Hz
Nominal voltage
24 V DC, 12 V DC
Voltage tolerance
± 10 %
7.
Ordering information
7.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com