Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13192 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Functional Description
MC13192 Technical Data, Rev. 3.2
12
Freescale Semiconductor
Figure 7. SPI Interface
Although the SPI port is fully static, internal memory, timer and interrupt arbiters require an internal clock
(CLKcore), derived from the crystal reference oscillator, to communicate from the SPI registers to internal
registers and memory.
6.2.1
SPI Burst Operation
The SPI port of an MCU transfers data in bursts of 8 bits with most significant bit (MSB) first. The master
(MCU) can send a byte to the slave (transceiver) on the MOSI line and the slave can send a byte to the
master on the MISO line. Although an MC13192 transaction is three or more SPI bursts long, the timing
of a single SPI burst is shown in Figure 8.
Figure 8. SPI Single Burst Timing Diagram
SPI digital timing specifications are shown in Table 6.
Shift Register
Baud Rate
Generator
Shift Register
Chip Enable (CE)
RxD
MISO
TxD
MOSI
Sclk
SPICLK
MCU
MC13192
CE
1
23
4
5
6
7
8
CE
SPICLK
T1
T2
T4
T0
SPI Burst
Valid
T5
T6
T3
Valid
T7
MISO
MOSI
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com