Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33880 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch with Serial Peripheral Interface I/O
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33880 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33880
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
On each SPI communication, an 8-bit command word is sent to the 33880 and an 8-bit fault word is received from the 33880.
The Most Significant Bit (MSB) is sent and received first (see below).
Command Register Definition:
0 = Output Command Off
1 = Output Command On
Fault Register Definition:
0 = No fault
1 = Fault.
MSB
LSB
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
Table 6. Fault Operation
SERIAL OUTPUT (SO) PINS REPORTS
Overtemperature
Fault reported by Serial Output (DO) pin.
Overcurrent
DO pin reports short to battery/supply or overcurrent condition.
Output ON Open Load Fault
Not reported.
Output OFF Open Load Fault
DO pin reports output OFF open load condition.
DEVICE SHUTDOWNS
Overvoltage
Total device shutdown at VPWR = 25 V to 30 V. Resumes normal operation with proper voltage.
All outputs assuming the previous state upon recovery from overvoltage.
Overtemperature
Only the output experiencing an overtemperature fault shuts down. Output assumes previous state
upon recovery from overtemperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com