Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSQ976.01 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LSQ976.01
Description  The Chip LED 0603 is the product of choice for status indication in electronics.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSQ976.01 Datasheet(HTML) 5 Page - OSRAM GmbH

  LSQ976.01 Datasheet HTML 1Page - OSRAM GmbH LSQ976.01 Datasheet HTML 2Page - OSRAM GmbH LSQ976.01 Datasheet HTML 3Page - OSRAM GmbH LSQ976.01 Datasheet HTML 4Page - OSRAM GmbH LSQ976.01 Datasheet HTML 5Page - OSRAM GmbH LSQ976.01 Datasheet HTML 6Page - OSRAM GmbH LSQ976.01 Datasheet HTML 7Page - OSRAM GmbH LSQ976.01 Datasheet HTML 8Page - OSRAM GmbH LSQ976.01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LS Q976.01
DATASHEET
DATASHEET
5 | Version 1.0 | 2023-08-29
Characteristics
I
F = 20 mA; TS = 25 °C
Parameter
Symbol
Values
Peak Wavelength
λ
peak
typ.
640 nm
Dominant Wavelength 3)
λ
dom
min.
typ.
max.
627 nm
633 nm
639 nm
Spectral Bandwidth at 50% I
rel,max
∆λ
typ.
14 nm
Viewing angle at 50% I
V
typ.
140 °
Forward Voltage 4)
I
F = 20 mA
V
F
min.
typ.
max.
1.60 V
2.00 V
2.40 V
Reverse current 2)
V
R = 10 V
I
R
typ.
max.
0.01 µA
10 µA
Real thermal resistance junction/solderpoint 5)
R
thJS real
typ.
max.
430 K / W
510 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com