Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWQ98G.01-R2T1-3K6L-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LWQ98G.01-R2T1-3K6L-1
Description  The Chip LED 0603 is the product of choice for status indication in electronics.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ98G.01-R2T1-3K6L-1 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LWQ98G.01-R2T1-3K6L-1 Datasheet HTML 3Page - OSRAM GmbH LWQ98G.01-R2T1-3K6L-1 Datasheet HTML 4Page - OSRAM GmbH LWQ98G.01-R2T1-3K6L-1 Datasheet HTML 5Page - OSRAM GmbH LWQ98G.01-R2T1-3K6L-1 Datasheet HTML 6Page - OSRAM GmbH LWQ98G.01-R2T1-3K6L-1 Datasheet HTML 7Page - OSRAM GmbH LWQ98G.01-R2T1-3K6L-1 Datasheet HTML 8Page - OSRAM GmbH LWQ98G.01-R2T1-3K6L-1 Datasheet HTML 9Page - OSRAM GmbH LWQ98G.01-R2T1-3K6L-1 Datasheet HTML 10Page - OSRAM GmbH LWQ98G.01-R2T1-3K6L-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LW Q98G.01
DATASHEET
DATASHEET
7 | Version 1.0 | 2023-02-09
Chromaticity Coordinate Groups
OHA12327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.10.2
0.30.4
0.5
0.6
0.70.8
0.9
510
500
490
480
470
450
460
0.20
+
E
Cy
Cx
Cx
Cy
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.21
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
3K
4K
5K
6K
3L
4L
5L
6L
+
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
3K
0.2730
0.2270
0.2660
0.2320
0.2800
0.2520
0.2860
0.2440
3L
0.2660
0.2320
0.2580
0.2390
0.2730
0.2610
0.2800
0.2520
4K
0.2860
0.2440
0.2800
0.2520
0.2910
0.2680
0.2960
0.2590
Group
Cx
Cy
4L
0.2800
0.2520
0.2730
0.2610
0.2850
0.2790
0.2910
0.2680
5K
0.2960
0.2590
0.2910
0.2680
0.3100
0.2970
0.3130
0.2840
5L
0.2910
0.2680
0.2850
0.2790
0.3070
0.3120
0.3100
0.2970
Group
Cx
Cy
6K
0.3130
0.2840
0.3100
0.2970
0.3300
0.3300
0.3300
0.3100
6L
0.3100
0.2970
0.3070
0.3120
0.3300
0.3470
0.3300
0.3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com