Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6617SPK Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # F6617SPK
Description  Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

F6617SPK Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  F6617SPK Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . F6617SPK Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . F6617SPK Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . F6617SPK Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . F6617SPK Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MOSFET ELECTRICAL CHARACTERISTICS Ta=25 ℃unless otherwise specified
Vout
Vin
Vout
PW=100μS
D=1%
td(on) tr
td(off) tf
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static Parameters
Source to Source Breakdown Voltage
BVSSS
IS=1mA ,VGS=0V
20
V
Zero-Gate Voltage Source Current
ISSS
VSS=16V,VGS=0V
100
nA
Gate to Source Leakage Current
IGSS
VSS=0V,VGS= ±10V
±10
μA
Gate to Source Threshold Voltage
VGS(th)
VSS=VGS, IS=250μA
0.4
1.2
V
Source to Source On-state
Resistance
RSS(on)
VGS=4.5V,IS=3A
2.9
4.9
6.8
mΩ
VGS=4.0V,IS=3A
3.0
5.1
7.1
mΩ
VGS=3.8V,IS=3A
3.1
5.2
7.3
mΩ
VGS=3.1V,IS=3A
3.4
5.7
mΩ
Input Capacitance
Ciss
VSS=10V, VGS=0V,f=1kHz
2609
pF
Output Capacitance
Coss
362
pF
Reverse Transfer Capacitance
Crss
295
pF
Turn-on Delay Time
td(on)
VDD=10V,IS=5A, VGS=4.0V
0.9
μS
Turn-on Rise Time
tr
2.6
μS
Turn-off Delay Time
td(off)
5.7
μS
Turn-off Fall Time
tf
3.9
μS
VDD=10V
IS=5A
RL=2.0Ω
S2
G2
Vin
D2
D1
G1
4.0V
S1
90 %
10 %
90 %
90 %
10 %
10 %
Notes: 1.Mounted on FR4 board (25.4mm25.4mmt1.0mm) using the minimum recommended pad size (36um Copper ).
2.t = 10 ms , Duty Cycle = 1 %.
3.When FET1 is measured,G2 and S2 are short-circuited.
③
③
③
8.0
Qg
Total Gate Charge
VSS=10V,IS=8A,VGS=6.0V
nC
VF(S-S)
Diode Forward Voltage
VGS=0V,IS=1A
1.0
V
34.7
0.85
Qg1s1
Gate1-source1 charge
nC
5.9
Qg1s2
Gate1-source2 charge
nC
11.8
③
③
③
VGS=2.5V,IS=3A
4.0
6.6
mΩ
9.2
③
VSS=0V,VGS= ±5V
±1.0
F6617SPK
Dual N-Channel MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com