Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F8208SPK Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # F8208SPK
Description  Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

F8208SPK Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  F8208SPK Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . F8208SPK Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . F8208SPK Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . F8208SPK Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . F8208SPK Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Static Parameters
BVSSS
Source to Source Breakdown Voltage
,VGS=0V
12
V
ISSS
Zero-Gate Voltage Source Current
VSS=10V,VGS=0V
μA
IGSS
Gate to Source Leakage Current
VSS=0V, VGS= ±8V
±10
μA
VTH
Gate to Source Threshold Voltage
VSS=10V, IS=1.11mA
VGS=4.5V,IS=3A
2.4
mΩ
RSS(on)
Source to Source On-state
Resistance
mΩ
td(on)
Turn-on Delay Time
tr
Turn-on Rise Time
td(off)
Turn-off Delay Time
tf
Turn-off Fall Time
VSS=10V,IS=6A,VGS=4.5V
VF(S-S)
Diode Forward Voltage
VGS=0V,IS=6A
1.3
V
MOSFET ELECTRICAL CHARACTERISTICS
IS=1mA
2.
1
mΩ
μS
μS
μS
μS
0.
75
2.0
2.5
8
3.5
17.5
mΩ
VDD=10V,RL=3.3Ω VGS=4.5V
1.0
1.1
1.
3
1.
6
2.8
6.15
2.9
2.
8
V
1
a
T =25 ℃ unless otherwise specified
VGS=3.8V,IS=3A
VGS=3.1V,IS=3A
VGS=2.5V,IS=3A
Notes: 1.Mounted on FR4 board (25.4mm25.4mmt1.0mm) using the minimum recommended pad size (36um Copper ).
G2
D2
S2
G1
D1
S1
VDD=10V
IS=3A
RL=3.3
Vout
Vin
PW=100
μS
Ω
D=1%
10 %
90 %
90 %
10 %
90 %
10 %
td(on) tr
td(off)
tf
Vin
Vout
4.5V
2.t = 10 ms , Duty Cycle = 1 %.
3.When FET1 is measured,G2 and S2 are short-circuited.
4.When FET1 is measured, FET2 is biased with VG2S2=4.5V.
0.35
1.4
4.0
④
Ciss
Input Capacitance
Coss
Output Cpacitance
Crss
Reverse Transfer Capacitance
pF
pF
pF
1560
620
261
VSS=10V,VGS=0V, f=100kHz
Qg
Gate1-source1 charge
Gate1-source2 charge
Total gate charge
nC
nC
nC
32.5
4.8
1.4
③
③
③
③
③
Qg1s1
Qg1s2
③
③
F8208SPK
Dual N-Channel MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com