Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33996 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33996 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33996
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33996 Pin Locations
Table 1. Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Pin
Pin Name
Formal Name
Definition
1, 2, 4, 5, 12, 13,
15–18, 20, 21,
28, 29, 31, 32
OUT0–OUT15
Output 0–Output 15
Open drain output pin.
3
SOPWR
SOPWR Supply
Power supply pin to the SO output driver.
6
VPWR
Battery Input
Battery supply input pin.
7–10, 23–26
GND
Ground
Ground for logic, analog, and power output devices.
11
SCLK
System Clock
System Clock for internal shift registers of the 33996.
14
CS
Chip Select
SPI control chip select input pin from the MCU to the 33996.
19
SI
Serial Input
Serial data input pin to the 33996.
22
SO
Serial Output
Serial data output pin.
27
RST
Reset
Active low reset input pin.
30
PWM
PWM Control
PWM control input pin. Supports PWM on any combination of outputs.
OUT15
1
OUT12
RST
GND
GND
GND
GND
SO
OUT11
OUT10
OUT9
OUT8
SI
OUT13
OUT14
PWM
OUT0
OUT3
VPWR
GND
GND
GND
GND
SCLK
OUT4
OUT5
OUT6
OUT7
CS
OUT2
OUT1
SOPWR
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com