Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34712 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 34712
Description  3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34712 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  34712 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34712
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34712 Pin Connections
Table 1. 34712 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
GND
Ground
Signal Ground
Analog signal ground of IC
2
FREQ
Passive
Frequency Adjustment
Buck converter switching frequency adjustment pin
3
NC
None
No Connect
No internal connections to this pin
4
PG
Output
Power Good
Active-low (open drain) power-good status reporting pin
5
STBY
Input
Standby
Standby mode input control pin
6
SD
Input
Shutdown
Shutdown mode input control pin
7
VREFIN
Input
Voltage-Tracking-
Reference Input
Voltage-Tracking-Reference voltage input
8
VREFOUT
Output
Reference Voltage
Output
Buffered output equal to 1/2 of voltage-tracking reference
9
COMP
Passive
Compensation
Buck converter external compensation network pin
10
INV
Input
Error Amplifier
Inverting Input
Buck converter error amplifier inverting input pin
11
VOUT
Output
Output Voltage
Discharge FET
Discharge FET drain connection (connect to buck converter output
capacitors)
12,13,14
PGND
Ground
Power Ground
Ground return for buck converter and discharge FET
15,16,17
SW
Power
Switching Node
Buck converter power switching node
18,19,20
PVIN
Supply
Power-Circuit Supply
Input
Buck converter main supply voltage input
21
BOOT
Passive
Bootstrap
Bootstrap switching node (connect to bootstrap capacitor)
GND
FREQ
STBY
PG
NC
SD
SW
PGND
PGND
SW
SW
PVIN
Transparent
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com