Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM67 Datasheet(PDF) 3 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM67 Datasheet(HTML) 3 Page - Texas Instruments

  AM67 Datasheet HTML 1Page - Texas Instruments AM67 Datasheet HTML 2Page - Texas Instruments AM67 Datasheet HTML 3Page - Texas Instruments AM67 Datasheet HTML 4Page - Texas Instruments AM67 Datasheet HTML 5Page - Texas Instruments AM67 Datasheet HTML 6Page - Texas Instruments AM67 Datasheet HTML 7Page - Texas Instruments AM67 Datasheet HTML 8Page - Texas Instruments AM67 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 235 page
background image
Technology / Package:
• 16-nm FinFET technology
• 18 mm x 18 mm, 0.65 mm pitch with VCA (AMW)
Companion Power Management Solution:
• Functional Safety-Compliant support up to ASIL-B
or SIL-2 targeted
• TPS6522x PMIC
• TPS6287x Stackable, Fast Transient Bucks
2 Applications
• Human Machine Interface (HMI)
• Hospital patient monitoring
• Industrial PC
• Building security system
• Off-highway vehicle
• Test and measurement
• Energy storage systems
• Video Surveillance
• Machine Vision
• Industrial mobile robot (AGV/AMR)
• Front camera systems
3 Description
The AM67x scalable processor family is based on the evolutionary Jacinto™ 7 architecture, targeted at Smart
Vision Camera and General Compute applications and built on extensive market knowledge accumulated over
a decade of TI’s leadership in the Vision processor market. The AM67x family is built for a broad set of
cost-sensitive high performance compute applications in Factory Automation, Building Automation, and other
markets.
The AM67x provides high performance compute technology for both traditional and deep learning algorithms
at industry leading power/performance ratios with a high level of system integration to enable scalability and
lower costs for advanced vision camera applications. Key cores include the latest Arm and GPU processors for
general compute, next generation DSP with scalar and vector cores, dedicated deep learning and traditional
algorithm accelerators, an integrated next generation imaging subsystem (ISP), video codec, and MCU cores. All
protected by industrial-grade security hardware accelerators.
AM67x contains up to four Arm® Cortex®-A53 cores with 64-bit architecture, a Vision Processing Accelerator
(VPAC) with Image Signal Processor (ISP) and multiple vision assist accelerators, Deep Learning (DL), Dense
Optical Flow (DOF) video and 3D Graphics accelerators, a Cortex®-R5F MCU Island core and two Cortex®-
R5F cores for Device and Run-time Management. The Cortex-A53s provide the powerful computing elements
necessary for Linux applications as well as the implementation of traditional vision computing based algorithms.
Building on the existing world-class ISP, TI’s 7th generation ISP includes flexibility to process a broader
sensor suite including RGB-InfraRed (RGB-IR), support for higher bit depth, and features targeting analytics
applications. Key cores include two “C7x” next generation DSP with scalar and vector cores, dedicated “MMA”
deep learning accelerator combined with a large 2.25MB L2 memory enabling performance up to 4 TOPS
within the lowest power envelope in the industry when operating at the typical automotive worst case junction
temperature of 125°C.
The AM67x integrates high-speed IOs including a PCIe Gen-3 (1L) and 3-port Gigabit Ethernet switch with
one internal port and two external ports with TSN support. In addition, an extensive peripherals set is included
in AM67x to enable system level connectivity such as USB, MMC/SD, four CSI2.0 Camera interface, OSPI,
CAN-FD and GPMC for parallel host interface to an external ASIC/FPGA. AM67x supports secure boot for IP
protection with the built-in HSM (Hardware Security Module) and employs advanced power management support
for power-sensitive applications.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
XJ722S5A
AMW (FCBGA, 594) with VCA
18mm x 18mm
AM67A94
AMW (FCBGA, 594) with VCA
18mm x 18mm
AM67A74
AMW (FCBGA, 594) with VCA
18mm x 18mm
AM6754
AMW (FCBGA, 594) with VCA
18mm x 18mm
www.ti.com
AM67, AM67A
SPRSPA3 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com