Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34717 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34717
Description  5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34717 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34717 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34717
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
PVIN1 Pin Leakage Current
(Shutdown Mode)
IPVIN1
-10
-
10
µA
INV1 Pin Leakage Current
IINV1
-1.0
-
1.0
µA
Thermal Shutdown Threshold (15)
TSDFET1
-
170
-
°C
Thermal Shutdown Hysteresis (15)
TSDHYFET1
-
25
-
°C
CHANNEL 2 BUCK CONVERTER (PVIN2, SW2, PGND2, BOOT2, INV2, COMP2, ILIM2)
Channel 2 High-side MOSFET Drain Voltage Range
PVIN
2.5
-
6.0
V
Output Voltage Adjustment Range(15)
VOUTHI2
0.7
-
3.6
V
Output Voltage Accuracy (15), (16), (17)
-
-1.0
-
1.0
%
Line Regulation (15)
(Normal Operation, VIN = 3.0 V to 6.0 V, IOUT2 = +2.5 A)
REGLN2
-1.0
-
1.0
%
Load Regulation (15)
(Normal Operation, IOUT2 = 0.0 A to 5.0 A)
REGLD2
-1.0
-
1.0
%
Error Amplifier Reference Voltage (15)
VREF2
-
0.7
-
V
Output Undervoltage Threshold
VUVR2
-1.5
-
-8.0
%
Output Overvoltage Threshold
VOVR2
1.5
-
8.0
%
Continuous Output Current
IOUT2
-
-
5.0
A
Over Current Limit
ILIM2
-
6.5
-
A
Soft Start Adjusting Reference Voltage Range
VILIM2
1.25
-
VDDI
V
Short Circuit Current Limit
ISHORT2
-
8.5
-
A
High-Side N-CH Power MOSFET (M6) RDS(ON)
(15)
(IOUT2 = 1.0 A, VBOOT2 - VSW2= 3.3 V)
RDS(ON)HS2
15
-
50
m
Ω
Low-Side N-CH Power MOSFET (M7) RDS(ON)
(15)
(IOUT2 = 1.0 A, VIN = 3.3 V)
RDS(ON)LS2
15
-
50
m
Ω
M3 RDS(ON)
(VIN = 3.3 V, M3 is on)
RDS(ON)M3
2.0
-
4.0
Ω
PVIN2 Pin Leakage Current
(Shutdown Mode)
IPVIN2
-10
-
10
µA
INV2 Pin Leakage Current
IINV2
-1.0
-
1.0
µA
Notes
15.
Design information only, this parameter is not production tested.
16.
This is directly affected by the accuracy of the external feedback network, 1% feedback resistors are recommended.
17.
±1% is assured at room temperature
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, -40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com