Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

76600/2C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 76600/2C
Description  Pulse Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

76600/2C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  76600/2C Datasheet HTML 1Page - Murata Power Solutions Inc. 76600/2C Datasheet HTML 2Page - Murata Power Solutions Inc. 76600/2C Datasheet HTML 3Page - Murata Power Solutions Inc. 76600/2C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KMP_766C_J01 Page 2 of 4
766 Series
Pulse Transformers
www.murata.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
TUBE DIMENSIONS
Holes may be omitted for variants with fewer than 6 pins.
Unless otherwise stated all dimensions in mm (inches) ±0.25 (0.01).
All pins on a 2.54 (0.1) pitch and within ±0.25 (0.01) of true position
.
Unless otherwise stated all dimensions in mm (inches) ±0.25 (0.01).
All pins on a 2.54 (0.1) pitch and within ±0.25 (0.01) of true position
.
Package Weight: 1.1g Typ.
Tube length: 520±2.0 (20.47±0.08).
Unless otherwise stated all dimensions in mm (inches) +0.50 (0.02)/-0.00 (0.00).
12
XYYWW
3
1
5
4
2
6
1C
602
12.70 (0.500) Max.
0.56±0.05 (0.022±0.002)
10.16 (0.400)
XYYWW
2
1
5
6C
610
6
10.16 (0.400)
0.56±0.05 (0.022±0.002)
12.70 (0.500) Max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com