Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

786XX/XMC-R Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # 786XX/XMC-R
Description  General Purpose Pulse Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

786XX/XMC-R Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  786XX/XMC-R Datasheet HTML 1Page - Murata Power Solutions Inc. 786XX/XMC-R Datasheet HTML 2Page - Murata Power Solutions Inc. 786XX/XMC-R Datasheet HTML 3Page - Murata Power Solutions Inc. 786XX/XMC-R Datasheet HTML 4Page - Murata Power Solutions Inc. 786XX/XMC-R Datasheet HTML 5Page - Murata Power Solutions Inc. 786XX/XMC-R Datasheet HTML 6Page - Murata Power Solutions Inc. 786XX/XMC-R Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
KMP_786C_C03 Page 3 of 7
786 Series
General Purpose Pulse Transformers
www.murata.com
ORDER CODE DETAILS
Order Code
Package Type
Packaging Type
Quantity
786XX/XC
6 Pin DIL
Tube
50
786XX/XMC
6 Pin SM
Tube
50
786XX/XMC-R
6 Pin SM
Tape & Reel
500
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
0°C to 70°C
Storage temperature range
-60°C to 125°C
SOLDERING INFORMATION1
Pin finish
Matte tin
Peak wave solder temperature
300°C for 10 seconds
Peak reflow temperature2
220°C
All specifications typical at T
A
=25°C
1 For further information, please visit www.murata-ps.com/rohs
2 For higher temperature reflow variants see 786J series datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com