Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6281QT Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA6281QT
Description  짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6281QT Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA6281QT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6281QT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6281QT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6281QT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6281QT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6281QT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6281QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6281QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6281QT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Sensors
Freescale Semiconductor
3
MMA6281QT
Table 2. Operating Characteristics
Unless otherwise noted: –20°C < TA < 85°C, 2.2 V < VDD < 3.6 V, Acceleration = 0g, Loaded output(1)
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current
Supply Current at Sleep Mode(4)
Operating Temperature Range
Acceleration Range, X-Axis, Z-Axis
g-Select1 & 2: 00
g-Select1 & 2: 10
g-Select1 & 2: 01
g-Select1 & 2: 11
VDD
IDD
IDD
TA
gFS
gFS
gFS
gFS
2.2
—
—
–40
—
—
—
—
3.3
500
3
—
±2.5
±3.3
±6.7
±10.0
3.6
800
10
+105
—
—
—
—
V
µA
µA
°C
g
g
g
g
Output Signal
Zero-g (TA = 25°C, VDD = 3.3 V)(5)
Zero-g(4)
X-axis
Z-axis
Sensitivity (TA = 25°C, VDD = 3.3 V)
2.5g
3.3g
6.7g
10g
Sensitivity(4)
X-axis
Z-axis
Bandwidth Response
X
Z
VOFF
VOFF, TA
VOFF, TA
S2.5g
S3.3g
S6.7g
S10g
S,TA
S,TA
f-3dB
f-3dB
1.485
±2.6(6)
±1.0(6)
444
333
167
111
±0.02(6)
±0.01(6)
—
—
1.65
±0.6
±0.8
480
360
180
120
±0.02
±0.00
350
150
1.815
±3.8(7)
±0.8(7)
516
387
193
129
±0.02(7)
±0.01(7)
—
—
V
mg/°C
mg/°C
mV/g
mV/g
mV/g
mV/g
%/°C
%/°C
Hz
Hz
Noise
RMS (0.1 Hz – 1 kHz)(4)
Power Spectral Density RMS (0.1 Hz – 1 kHz)(4)
nRMS
nPSD
—
—
3.0
350
—
—
mVrms
µg/
Control Timing
Power-Up Response Time(8)
Enable Response Time(9)
Sensing Element Resonant Frequency
X
Z
Internal Sampling Frequency
tRESPONSE
tENABLE
fGCELL
fGCELL
fCLK
—
—
—
—
—
1.0
0.5
6.0
3.4
11
2.0
2.0
—
—
—
ms
ms
kHz
kHz
kHz
Output Stage Performance
Full-Scale Output Range (IOUT = 30 µA)
VFSO
VSS+0.25
—
VDD–0.25
V
Nonlinearity, XOUT, ZOUT
NLOUT
–1.0
—
+1.0
%FSO
Cross-Axis Sensitivity(10)
VXZ
——
5.0
%
1. For a loaded output, the measurements are observed after an RC filter consisting of a 1.0 kΩ resistor and a 0.1 µF capacitor on VDD-GND.
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 2.2 and 3.6 V, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the device
may operate as a linear device but is not guaranteed to be in calibration.
4. This value is measured with g-Select in 2.5g mode.
5. The device can measure both + and – acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2. For negative acceleration, the output will decrease below VDD/2.
6. These values represent the 10th percentile, not the minimum.
7. These values represent the 90th percentile, not the maximum.
8. The response time between 10% of full scale VDD input voltage and 90% of the final operating output voltage.
9. The response time between 10% of full scale Sleep Mode input voltage and 90% of the final operating output voltage.
10. A measure of the device’s ability to reject an acceleration applied 90° from the true axis of sensitivity.
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com