Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2053GSX Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX2053GSX
Description  50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2053GSX Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX2053GSX Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2053GSX Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2053GSX Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2053GSX Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2053GSX Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2053GSX Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2053GSX Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2053GSX Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2053GSX Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MPX2053
Sensors
4
Freescale Semiconductor
ON-CHIP TEMPERATURE COMPENSATION AND CALIBRATION
Figure 2. Output vs. Pressure Differential
Figure 2 shows the output characteristics of the MPX2053/
MPXV2053G series at 25°C. The output is directly
proportional to the differential pressure and is essentially a
straight line.
The effects of temperature on full scale span and offset are
very small and are shown under Operating Characteristics.
Figure 3. Unibody Package: Cross Sectional Diagram (Not to Scale)
Figure 3 illustrates the differential/gauge die in the basic
chip carrier (Case 344). A silicone gel isolates the die surface
and wire bonds from the environment, while allowing the
pressure signal to be transmitted to the silicon diaphragm.
The MPX2053/MPXV2053G series pressure sensor
operating characteristics and internal reliability and
qualification tests are based on use of dry air as the pressure
media. Media other than dry air may have adverse effects on
sensor performance and long term reliability. Contact the
factory for information regarding media compatibility in your
application.
LINEARITY
Linearity refers to how well a transducer's output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 4) or
(2) a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user.
Freescale’s specified pressure sensor linearities are based
on the end point straight line method measured at the
midrange pressure.
Figure 4. Linearity Specification Comparison
VS = 10 Vdc
TA = 25°C
MPX2053
P1 > P2
Span
Range
(Typical)
MAX
TYP
MIN
Offset
(Typical)
kPa
PSI
40
35
30
25
20
15
5
0
10
–5
12.5
25
37.5
50
0
1.8
3.6
5.4
7.25
Silicone
Die Coat
Die
P1
P2
Wire Bond
Lead Frame
RTV Die
Bond
Epoxy
Case
Stainless Steel
Metal Cover
Least
Square
Deviation
Pressure (% Full Scale)
0
50
100
End Point Straight
Line Fit
Exaggerated
Performance
Curve
Least Squares Fit
Straight Line
Deviation
Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com