Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMR35-ACV1-AC1-R Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # DMR35-ACV1-AC1-R
Description  AC Voltmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACV1-AC1-R Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button DMR35-ACV1-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 10Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DMR35-ACV Series
AC Voltmeter
DMR35-ACV.A01.D04 Page 7 of 11
www.murata-ps.com
RMS MEASUREMENT MODE VS. AVERAGE MEASUREMENT MODE.
These meters are capable of both RMS and Average Reading (RMS adjusted) measurement modes:
RMS (Root-Mean-Square) Mode – RMS voltage can be thought of as the equivalent DC voltage required to dissipate a given amount of energy in a
resistive load. Benefit of RMS measurements:
Provides an indication of delivered power, independent of the exact waveform being measured
Comparable with most high-quality handheld multimeters that tend to adapt RMS measurement
RMS Measurement Signal Flow.
Average-Reading mode – In this mode, the meter measures the average rectified value of the voltage waveform. Since the resulting measurement
is different from the RMS measurement, it is typically ‘adjusted’ to match the RMS measurement value for the case of a sinusoidal waveform. The
benefit of this measurement mode it that it enables DMR35 meters to provide measurements comparable to those provided by many electro-
mechanical analog meters. The block diagram below shows the signal-processing performed in making RMS-adjusted average mode measurements.
RMS-adjusted Average Measurement Signal Flow
Note that both measurement modes adapt a digital high-pass filter, placed after the ADC, to remove any DC bias from the input signal and generate
a signal that is symmetric about zero. As a result, these meters only measure the AC component of the input signal, and not the DC component – a
DC signal presented to the meter will read as zero. Significant amounts of DC input signal, however, may force the meter’s ADC into over-range and
reduce measurement accuracy. For this reason, the DMR35-ACVx series of meters should not be used to measure currents having a significant DC
component.
Crest Factor
When making AC measurements, the shape of the waveform to be measured can influence the measurement results. One of the most basic metrics
used to quantify waveform shape is
crest factor, which is defined as the ratio between the waveform’s peak value and its RMS value.
������������������������������������������������������������������������������������������������������������������������������������=������������������������������������������������������������������������������������������������������������
������������������������������������������������������������������������������������������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com