Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFECF10M7FF00-R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7FF00-R0
Description  Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7FF00-R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  SFECF10M7FF00-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SFECF10M7FF00-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SFECF10M7FF00-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
SFECF10M7FF00-R0
Note: This datasheet may be out of date.
Please download the latest datasheet of SFECF10M7FF00-R0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=SFECF10M7FF00-R0
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated04/09/2024
Specifications
Operating Temperature
Range
-20
℃ to 80℃
Shape
SMD
Elements
2
Center Frequency
10.700MHz
Nominal Center Value
Yes
3dB Bandwidth
fn±65kHzmin.
Stop Bandwidth
620kHz
Area of Stop Bandwidth
[within 20dB]
Spurious Attenuation
30dB[within 9MHz to fn]
Insertion Loss
7.0dBmax. [at fn](at minimum
loss point)
Ripple
1.0dBmax.(at minimum loss
point)
Input/Output Impedance
330Ω
Mass
65mg
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com