Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTF3216PBAVGASUK Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APTF3216PBAVGASUK
Description  3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTF3216PBAVGASUK Datasheet(HTML) 2 Page - Kingbright Corporation

  APTF3216PBAVGASUK Datasheet HTML 1Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 2Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 3Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 4Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 5Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 6Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: DSAG5719
REV NO: V.4
DATE: APR/03/2007
PAGE: 2 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP:1203005399
Selection Guide
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Parameter
Blue
Green
Hyper Red
Units
Power dissipation
120
120
75
mW
DC Forward Current
30
30
30
mA
Peak Forward Current [1]
100
100
185
mA
Reverse Voltage
V
Operating / Storage Temperature
-40
°C To +85°C
5
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2
θ1/2
APTF3216PBAVGASUK
BLUE (InGaN)
WATER CLEAR
18
60
GREEN (InGaN)
50
150
HYPER RED (InGaAIP)
70
150
120
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Blue
Green
Hyper Red
468
520
650
nm
IF=20mA
λD [1]
Dominant Wavelength
Blue
Green
Hyper Red
470
525
635
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Blue
Green
Hyper Red
21
35
28
nm
IF=20mA
C
Capacitance
Blue
Green
Hyper Red
100
100
35
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Blue
Green
Hyper Red
3.2
3.2
1.95
4.0
4.0
2.5
V
IF=20mA
IR
Reverse Current
Blue
Green
Hyper Red
10
10
10
uA
VR= 5V
Notes:
1.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.Luminous Intensity / Luminous Flux: +/-15%.
Notes:
1.Wavelength: +/-1nm
2.Forward Voltage: +/-0.1V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com