Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43510 Datasheet(PDF) 2 Page - EPCOS

Part # B43510
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43510 Datasheet(HTML) 2 Page - EPCOS

  B43510 Datasheet HTML 1Page - EPCOS B43510 Datasheet HTML 2Page - EPCOS B43510 Datasheet HTML 3Page - EPCOS B43510 Datasheet HTML 4Page - EPCOS B43510 Datasheet HTML 5Page - EPCOS B43510 Datasheet HTML 6Page - EPCOS B43510 Datasheet HTML 7Page - EPCOS B43510 Datasheet HTML 8Page - EPCOS B43510 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
179 10/02
B43510 / B43520
Miniaturized – 85 °C
Specifications and characteristics in brief
Rated voltage
UR
Surge voltage
US
385 … 500 VDC
1,1 ·
UR
Rated capacitance
CR
Capacitance tolerance
390 … 2 700
µF
± 20 % M
Leakage current
IL
(5 min, 20 °C)
Self-inductance
ESL
Approx. 20 nH
Useful life
85 °C;
UR; I~R
40 °C;
UR; 1,1 · I~R
>
5 000 h
> 250 000 h
Requirements:
∆C/C
≤ ± 30 % of initial value
ESR
≤ 3 times initial specified limit
IL
≤ initial specified limit
Failure percentage:
≤ 1 %
Failure rate:
≤ 40 fit (≤ 40 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
85 °C;
UR
2 000 h
Post test requirements:
∆C/C
≤ ± 10 % of initial value
ESR
≤ 1,3 times initial specified limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 0,35 mm, frequency range 10
… 55 Hz,
acceleration max. 5
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
UR ≤ 400 VDC: 40/085/56 (– 40 °C/+ 85 °C/56 days damp heat test)
UR > 400 VDC: 25/085/56 (– 25 °C/+ 85 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-805
IEC 60384-4
I
L
0,3
µA
C
R
µF
-------
U
R
V
-------
⋅
èø
æö
⋅
0,7
≤
4
µA
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com