Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32682 Datasheet(PDF) 5 Page - EPCOS

Part # B32682
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32682 Datasheet(HTML) 5 Page - EPCOS

  B32682 Datasheet HTML 1Page - EPCOS B32682 Datasheet HTML 2Page - EPCOS B32682 Datasheet HTML 3Page - EPCOS B32682 Datasheet HTML 4Page - EPCOS B32682 Datasheet HTML 5Page - EPCOS B32682 Datasheet HTML 6Page - EPCOS B32682 Datasheet HTML 7Page - EPCOS B32682 Datasheet HTML 8Page - EPCOS B32682 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
182 12/00
MFP
Capacitance tolerance:
± 10 % =ˆ K, ± 5 % =ˆ J, (± 3,5 % upon request)
Ordering codes and packing units, lead spacing 22,5 mm
VR
(Vrms,
f
≤ 1 kHz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
630 Vdc
(300 Vac)
33 nF
6,0
× 15,0 × 26,5 B32683-A6333-+*** 680
700
720
47 nF
7,0
× 16,0 × 26,5 B32683-A6473-+*** 580
600
630
68 nF
8,5
× 16,5 × 26,5 B32683-A6683-+*** 480
500
510
0,10
µF
10,5
× 16,5 × 26,5 B32683-A6104-+*** 390
400
540
0,15
µF
11,0
× 20,5 × 26,5 B32683-A6154-+*** 370
350
510
1000 Vdc
(400 Vac)
10 nF
6,0
× 15,0 × 26,5 B32683-A103-+***
680
700
720
15 nF
6,0
× 15,0 × 26,5 B32683-A153-+***
680
700
720
22 nF
7,0
× 16,0 × 26,5 B32683-A223-+***
580
600
630
33 nF
8,5
× 16,5 × 26,5 B32683-A333-+***
480
500
510
47 nF
10,5
× 18,5 × 26,5 B32683-A473-+***
390
400
540
1250 Vdc
(450 Vac)
10 nF
6,0
× 15,0 × 26,5 B32683-A7103-+*** 680
700
720
15 nF
7,0
× 16,0 × 26,5 B32683-A7153-+*** 580
600
630
22 nF
8,5
× 16,5 × 26,5 B32683-A7223-+*** 480
500
510
33 nF
10,5
× 18,5 × 26,5 B32683-A7333-+*** 390
400
540
1600 Vdc
(450 Vac)
6,8 nF
6,0
× 15,0 × 26,5 B32683-A1682-+*** 680
700
720
10 nF
7,0
× 16,0 × 26,5 B32683-A1103-+*** 580
600
630
15 nF
8,5
× 16,5 × 26,5 B32683-A1153-+*** 480
500
510
22 nF
10,5
× 18,5 × 26,5 B32683-A1223-+*** 390
400
540
2000 Vdc
(500 Vac)
2,2 nF
6,0
× 15,0 × 26,5 B32683-A2222-+*** 680
700
720
3,3 nF
6,0
× 15,0 × 26,5 B32683-A2332-+*** 680
700
720
4,7 nF
7,0
× 16,0 × 26,5 B32683-A2472-+*** 580
600
630
6,8 nF
8,5
× 16,5 × 26,5 B32683-A2682-+*** 480
500
510
10 nF
10,5
× 16,5 × 26,5 B32683-A2103-+*** 390
400
540
15 nF
11,0
× 20,5 × 26,5 B32683-A2153-+*** 370
350
510
1) +
Code letter for capacitance tolerance
*** Code number for the packing: Ammo pack = 289, reel = 189
The ordering code for untaped components ends after the tolerance code letter.
For capacitors with 3,2 mm lead length, append code number “3” to the tolerance code, e.g.: B32683-A6154-K3
B32 683
22,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com