Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84103 Datasheet(PDF) 2 Page - EPCOS

Part # B84103
Description  Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84103 Datasheet(HTML) 2 Page - EPCOS

  B84103 Datasheet HTML 1Page - EPCOS B84103 Datasheet HTML 2Page - EPCOS B84103 Datasheet HTML 3Page - EPCOS B84103 Datasheet HTML 4Page - EPCOS B84103 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
197 03/01
2-Line Filters
B84103
for General-Purpose Applications
Technical data
Characteristics and ordering codes
× = approval granted
Rated voltage VR
250 V~, 50/60 Hz
Rated current IR
Referred to 40
°C ambient temperature
Test voltage VP
1414 V–, 2 s (line/line)
2700 V–, 2 s (lines/case)
Leakage current l leak
< 1 mA at 230 V~, 50 Hz
Climatic category
In accordance with EN 60068-1
25/085/21 (– 25
°C/+ 85 °C/21 days damp heat test)
Weight
approx. 150 g
IR
A
CR
LR
Ordering code
Approvals
1
0,33
µF (X2) +
2
× 10 nF (Y2)
2
× 9 mH +
2
× 270 µH
B84103-S1-A10
×××
3
0,33
µF (X2) +
2
× 10 nF (Y2)
2
× 1,5 mH +
2
× 22 µH
B84103-S1-A30
×
—
×
6
0,33
µF (X2) +
2
× 10 nF (Y2)
2
× 0,47 mH +
2
× 8 µH
B84103-S1-A60
×
—
×
565-3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com