Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82111B Datasheet(PDF) 2 Page - EPCOS

Part # B82111B
Description  Chokes and inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82111B Datasheet(HTML) 2 Page - EPCOS

  B82111B Datasheet HTML 1Page - EPCOS B82111B Datasheet HTML 2Page - EPCOS B82111B Datasheet HTML 3Page - EPCOS B82111B Datasheet HTML 4Page - EPCOS B82111B Datasheet HTML 5Page - EPCOS B82111B Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
11/05
VHF chokes
Ferrite core
B82111B
Please read the Important notes at the end of
this document.
Rated voltage 500 VAC/DC
Rated current 2 to 10 A
Rated inductance 3 to 25
NH
Construction
■ Ferrite cylinder core
■ Winding: single-layer, enamel copper wire,
winding ends brought out as leads
■ Polyester insulating sleeve
Features
■ High resonant frequency
■ High rated current
■ RoHS-compatible1)
Applications
■ RF blocking and filtering
■ Interference suppression in small appliances
Marking
LR and IR in clear text and approval mark
Delivery mode
Bulk
Approvals
Dimensional drawing
1) RoHS-compatible is defined as compatible with the following documents:
DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 13 February 2003 on
the restriction of the use of certain hazardous substances in electrical and electronic equipment COM (2004) 606
final Proposal for a COUNCIL DECISION amending Directive 2002/95/EC of the European Parliament and of the
Council for the purposes of establishing the maximum concentration values for certain hazardous substances in
electrical and electronic equipment.
Approval mark
Standard
EN 60938-2
1
102-5
SSB0090-A
1
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com