Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMMT112 Datasheet(PDF) 1 Page - Belden Inc.

Part # GMMT112
Description  Outdoor Tactical tight buffered distribution cable PUR jacket 12f MM OM1.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GMMT112 Datasheet(HTML) 1 Page - Belden Inc.

  GMMT112 Datasheet HTML 1Page - Belden Inc. GMMT112 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GMMT112
Outdoor Tactical tight buffered distribution cable PUR jacket 12f MM OM1.
Product Description
Outdoor Tactical tight buffered optical fiber distribution cable with Polyurethane (PUR) outer jacket. 12 fibers MM OM1.
Technical Specifications
Product Overview
Construction Type:
Tactical
Environmental Space:
Indoor/Outdoor
Suitable Applications:
For outdoor and indoor use. These metal-free mobile cables have been designed for de-spooling and re-spooling repeatedly. Support all computer network applications such as
FDDI, Gigabit Ethernet and ATM Easy to install. Not Recommended for direct burial.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
OM1
12
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White, Red, Black, Yellow, Violet, Pink, Aqua
Buffer Specification
Fiber Type Buffer Construction Buffer Material Buffer Diameter
OM1
Tight
Nylon
0.9 mm
Cable Core Water Tight:
Yes
Cable Core Waterblocking:
Waterblocking Glass Yarns
Bulk Cable Weight:
76 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
PUR - Polyurethane 8.2 mm
Yes
Optical Characteristics
Max. Attenuation at 1300
nm:
0.9 dB/km
Max. Attenuation at 850 nm: 3.4 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification
Cable Min. Bend Radius Installation (Short Term)
IEC 60794-1-21-E6
65.6 mm
Cable Min. Bend Radius Operation (Long Term)
IEC 60794-1-21-E11 32.8 mm


Similar Part No. - GMMT112

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GMMT102 BELDEN-GMMT102 Datasheet
143Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 2f MM OM1.
04-10-2024
GMMT104 BELDEN-GMMT104 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 4f MM OM1.
01-20-2023
GMMT104.002100 BELDEN-GMMT104.002100 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 4f MM OM1.
01-20-2023
GMMT104.012100 BELDEN-GMMT104.012100 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 4f MM OM1.
01-20-2023
GMMT106 BELDEN-GMMT106 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 6f MM OM1.
01-20-2023
More results

Similar Description - GMMT112

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GMMT104 BELDEN-GMMT104 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 4f MM OM1.
01-20-2023
GMMT106 BELDEN-GMMT106 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 6f MM OM1.
01-20-2023
GMMT204 BELDEN-GMMT204 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 4f MM OM2.
01-20-2023
GMMT208 BELDEN-GMMT208 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 8f MM OM2.
01-20-2023
GMMT212 BELDEN-GMMT212 Datasheet
137Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 12f MM OM2.
01-20-2023
GMMTI12 BELDEN-GMMTI12 Datasheet
138Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 12f SM OS2 G.657.B3.
01-20-2023
GMTT112 BELDEN-GMTT112 Datasheet
142Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 12f MM OM1.
01-20-2023
GNMTC12 BELDEN-GNMTC12 Datasheet
138Kb / 2P
Outdoor Tactical (loose jacket, ARAMID) tight buffered distribution cable PUR jacket 12f MM OM5.
01-20-2023
GNMTD12 BELDEN-GNMTD12 Datasheet
138Kb / 2P
Outdoor Tactical (loose jacket, ARAMID) tight buffered distribution cable PUR jacket 12f MM OM3.
01-20-2023
GNMTE12 BELDEN-GNMTE12 Datasheet
138Kb / 2P
Outdoor Tactical (loose jacket, ARAMID) tight buffered distribution cable PUR jacket 12f MM OM4.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com